Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SC3AS2F

  • AI
    ### Overview of the SC3AS2F The **SC3AS2F** is a high-performance **Silicon Rectifier Diode Assembly** (specifically a three-phase bridge rectifier) manufactured by **Semtech**. It is designed for high-reliability applications, often meeting military or industrial grade specifications. --- ### Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | 3-Phase Bridge Rectifier | Converts 3-phase AC to DC | | **Peak Inverse Voltage (PIV)** | 200V | Max voltage the diode can withstand in reverse | | **Average Rectified Current ($I_o$)** | 15A - 20A (Air vs. Case) | Max output current depending on cooling | | **Forward Voltage Drop ($V_f$)** | ~1.1V - 1.2V | Voltage loss across each diode at rated current | | **Reverse Recovery Time ($t_{rr}$)** | Standard Recovery | Suitable for 50Hz - 400Hz applications | | **Operating Temperature** | -65°C to +150°C | Robust range for extreme environments | --- ### Key Electronic Features 1. **High Current Density:** Despite its relatively small footprint, it can handle significant current (up to 25A if properly heat-sinked), making it ideal for power supplies. 2. **Low Thermal Resistance:** The internal construction uses a thermally conductive epoxy and a metal base to dissipate heat efficiently from the silicon junctions to the external chassis. 3. **Hermetic-like Packaging:** These units are often "potted" or encapsulated in high-grade materials to protect against moisture, vibration, and mechanical shock. 4. **Three-Phase Integration:** It contains six individual diodes internally wired in a bridge configuration, reducing the need for discrete components and complex PCB routing. --- ### Terminal Configuration & Wiring Typically, the SC3AS2F features five terminals (or leads): * **AC Inputs (3):** Labeled for the three phases of incoming alternating current. * **DC Positive (+):** The rectified output cathode connection. * **DC Negative (-):** The rectified output anode connection. --- ### Common Applications * **Aerospace & Defense:** Used in airborne power systems and ground support equipment. * **Industrial Power Supplies:** For heavy-duty motor controllers or battery chargers. * **Alternative Energy:** Rectifying AC output from wind turbines or small hydro-generators. --- ### Equivalent or Similar Series If the SC3AS2F is unavailable, engineers often look at the following series: * **SC3AS1F** (100V variant) * **SC3AS4F** (400V variant) * **SC3AS6F** (600V variant)
    ✨ Follow-up Questions
    • What is the difference between standard and fast recovery in the SC3AS series?
    • How do I calculate the required heatsink size for an SC3AS2F at 15A?
    • Can this bridge rectifier be used in a single-phase circuit?