Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SC4525DEVB

  • AI
    The **SC4525D** is a high-frequency current-mode step-down (buck) switching regulator with an integrated power switch. The **SC4525DEVB** is the Evaluation Board designed to demonstrate the performance of this specific IC. --- ### 1. Core Component: The SC4525D IC The heart of the evaluation board is the SC4525D integrated circuit. Below are its primary technical specifications: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 3V to 28V | | **Output Current** | Up to 3A | | **Switching Frequency** | Fixed at 350kHz | | **Control Method** | Current-Mode Control | | **Package Type** | SOIC-8 (Exposed Pad) | --- ### 2. Key External Electronic Parts The evaluation board populates several passive and active components to create a functional DC-DC converter. #### A. Power Inductor * **Function:** Stores energy during the "on" cycle of the internal switch and releases it to the load during the "off" cycle. * **Role:** Smoothes the current and works with the output capacitor to filter the output voltage. #### B. Schottky Diode (Catch Diode) * **Function:** Provides a path for the inductor current when the internal MOSFET is turned off. * **Note:** Because the SC4525D is a non-synchronous rectification controller, an external diode is required. #### C. Input and Output Capacitors * **Input (C_in):** Typically ceramic (MLCC) to handle high ripple currents and stabilize the input voltage. * **Output (C_out):** Filters the switching noise to provide a steady DC output voltage. #### D. Feedback Network (Resistor Divider) * **Components:** Two precision resistors connected to the **FB** pin. * **Function:** Sets the output voltage. The IC compares the voltage at the FB pin (usually 1.0V reference) to the divider output to regulate the power. #### E. Compensation Network (RC Circuit) * **Components:** Resistors and capacitors connected to the **COMP** pin. * **Function:** Stabilizes the control loop. It prevents oscillations and ensures a fast response to load changes. --- ### 3. Pinout Functionality of the SC4525D To understand the board, one must understand how the IC interacts with the parts: 1. **SW (Switch):** Connected to the inductor and catch diode. 2. **IN (Input):** Power supply input. 3. **BST (Boost):** Used to provide a drive voltage higher than the input to fully turn on the internal N-channel MOSFET. 4. **SHDN (Shutdown):** Pulling this low disables the device to save power. 5. **FB (Feedback):** Monitors the output voltage. 6. **COMP:** Error amplifier output for loop compensation. --- ### 4. Typical Application Circuit Example ```spice Input (3-28V) ----[ C_in ]---- (IN Pin) (SW Pin) ----[ Inductor ]---- Output | | [ Schottky ] [ C_out ] | | GND GND ```
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the output voltage using the feedback resistors?
    • ⤷ How do I adjust the compensation network for better transient response?
    • ⤷ What are the thermal considerations for the SC4525D at 3A load?