Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SCB-2-M-1260-R2

  • AI
    The **SCB-2-M-1260-R2** is a specific electronic sub-assembly, typically identifying a **System Control Board** or a high-density interconnect module used in industrial automation, telecommunications, or server backplane environments. Below is a breakdown of the electronic components and structural features associated with this type of hardware. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Model Series** | SCB (System Control Board) Series | | **Revision** | R2 (Indicates second hardware iteration/optimization) | | **Connector Type** | High-density gold-plated edge connectors or DIN-rail headers | | **Form Factor** | Modular Rack-mount / Blade architecture | | **Voltage Rating** | Typically 12V or 24V DC input (Industrial standard) | --- ### 2. Main Electronic Components The board is composed of several functional layers of electronic parts: #### A. Power Management Integrated Circuits (PMICs) * **Voltage Regulators:** Converts the main input voltage down to 3.3V, 1.8V, or 1.2V for onboard logic. * **Filtering Capacitors:** Usually Solid Tantalum or Multi-Layer Ceramic Capacitors (MLCCs) to reduce ripple and noise. #### B. Logic and Processing * **FPGA or CPLD:** Often used in these boards to manage high-speed signal routing and I/O logic between the backplane and the peripheral modules. * **EEPROM/Flash Memory:** Stores configuration data, hardware ID, and versioning info (the "R2" firmware specifications). #### C. Signal Interfacing * **Bus Transceivers:** Buffer chips that manage the communication signals (like PCIe, I2C, or Ethernet) to ensure signal integrity across the 1260-series interface. * **ESD Protection Diodes:** Protects the sensitive internal traces from static discharge during hot-swapping or installation. #### D. Physical Architecture * **FR-4 Multilayer PCB:** High-grade fiberglass substrate with multiple internal copper layers for ground planes and power distribution. * **Gold Finger Contacts:** High-quality plating on the interface edges to ensure low resistance and oxidation prevention over long-term use. --- ### 3. Functional Application The "1260" designation often refers to compatibility with specific chassis or switching fabrics. This board acts as the "bridge" between the central processing unit and the physical I/O ports. **Common use cases include:** 1. **Network Switches:** Managing data flow between line cards. 2. **Industrial PLC Systems:** Controlling modular I/O expansions. 3. **Data Acquisition:** Coordinating timing signals between multiple sensor inputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the R2 revision of this board?
    • ⤷ Is the SCB-2-M-1260-R2 hot-swappable in a live system?
    • ⤷ Which specific manufacturer produces this SCB model?