SCB-3-M-2480-R2
AI

The **SCB-3-M-2480-R2** is a specialized electronic component primarily used in industrial automation, specifically within the realm of safety control systems. It is part of the **SCB (Safety Control Board)** series, designed to manage safety-critical functions for machinery.
---
### Technical Specifications and Electronic Profile
Below is a breakdown of the key electronic characteristics of the SCB-3-M-2480-R2:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Logic Supply Voltage** | 24V DC | Standard industrial power requirement. |
| **Input Channels** | 8 Digital Inputs | Used for safety sensors (E-stops, light curtains). |
| **Output Channels** | 4 Safety Outputs | Typically OSSD (Output Signal Switching Device) or relay. |
| **Safety Integrity Level** | SIL 3 / PLe | Highest level of functional safety for industrial use. |
| **Interface** | RS-485 / Modbus | Used for diagnostic data transmission to a PLC. |
| **Mounting Type** | DIN Rail | Standard 35mm industrial mounting. |
---
### Core Electronic Components
The device consists of several critical internal subsystems:
1. **Redundant Microprocessors:**
The "Brain" of the board. It utilizes two separate microprocessors that cross-check each other. If one chip detects a calculation discrepancy, the system enters a "Fail-Safe" state.
2. **Optical Isolation:**
The input and output stages are electronically decoupled using **Optocouplers**. This prevents high-voltage spikes from the industrial environment from damaging the internal logic circuits.
3. **OSSD (Output Signal Switching Device):**
Unlike standard switches, the electronic outputs perform high-speed self-tests (sending micro-pulses) to detect short circuits or "stuck-at" faults in the wiring.
4. **Diagnostic LEDs:**
The front panel features integrated Surface Mount (SMD) LEDs that provide real-time status of the internal logic, power supply, and fault codes.
### Typical Application Diagram
```mermaid
graph LR
A[Safety Sensor/E-Stop] --> B(SCB-3-M-2480-R2)
B --> C{Logic Processor A}
B --> D{Logic Processor B}
C & D --> E[Safety Relay / Motor Contactor]
E --> F[Machine Stop]
```
---
### Key Maintenance and Safety Warnings
* **Voltage Regulation:** Ensure the 24V supply is regulated; voltage ripples exceeding 10% can cause the logic board to trigger a fault state.
* **Wiring Integrity:** Electronic parts are sensitive to electromagnetic interference (EMI). Use shielded cables for the RS-485 communication lines.
- ⤷What is the difference between the R2 and previous R1 versions of this board?
- ⤷ How do I troubleshoot a 'Red LED' fault on the SCB-3 series?
- ⤷ Can the SCB-3-M-2480-R2 be integrated with a Siemens S7-1200 PLC?