SCEP125U-R60
AI

The **SCEP125U-R60** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It is manufactured by **Sumida**, a leader in magnetic components.
---
### 1. Technical Specifications
The part number itself defines most of its electrical characteristics. Below are the primary specifications for the R60 variant:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.6 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.90 mΩ (Typical) |
| **Saturation Current (Isat)** | ~30.0 A (at 20°C) |
| **Temperature Rise Current (Irms)** | ~22.0 A |
| **Dimensions** | 12.9 x 12.9 x 6.0 mm |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The "SCEP" series features a **shielded construction**, which is critical for electromagnetic compatibility (EMC).
* **Core Material:** Ferrite core designed for high saturation flux density.
* **Shielding:** The inductor is magnetically shielded to prevent interference with neighboring components on the PCB.
* **Terminals:** Large flat-surface bottom leads to ensure stable mounting and low resistance at high currents.
---
### 3. Key Features
* **Low DCR:** The use of thick copper windings results in extremely low DC resistance, which minimizes power loss through heat (Joule heating).
* **High Current Capability:** It is specifically designed to handle high "inrush" and steady-state currents without the core saturating (losing its inductive properties).
* **Compact Footprint:** Despite its power handling, the 12.9mm square footprint is relatively small for a 30A-rated part.
---
### 4. Common Applications
Due to its low inductance (0.6 µH) and high current rating, the SCEP125U-R60 is typically found in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers and desktops.
2. **Point of Load (POL) Converters:** Step-down converters where high efficiency is required.
3. **Battery Powered Systems:** Where low DCR helps extend battery life by reducing energy waste.
4. **Automotive Electronics:** Powering infotainment or ADAS systems (ensure AEC-Q200 compliance if used in this sector).
---
- ⤷
What is the difference between the SCEP125U and the SCEP125H models?
- ⤷ How does 'Saturation Current' impact the performance of this inductor in a circuit?
- ⤷ What are the recommended PCB landing patterns for this specific package size?