AI

The **SCF150-R-1812** is a surface-mount Resettable Positive Temperature Coefficient (PTC) thermistor, commonly known as a **PolySwitch** or **PPTC**. It is primarily used for overcurrent and short-circuit protection in electronic circuits.
---
## 1. Technical Specifications
The part number follows industry-standard naming conventions regarding its electrical rating and physical size.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Part Series** | SCF | Surface Mount PTC Series |
| **Hold Current ($I_{hold}$)** | 1.50 A | Maximum current the device can carry without tripping. |
| **Max Voltage ($V_{max}$)** | 6 V - 15 V | The maximum voltage the device can withstand. |
| **Max Current ($I_{max}$)** | 100 A | The maximum fault current the device can safely interrupt. |
| **Package Size** | 1812 | Surface mount dimensions (0.18 x 0.12 inches). |
| **Resistance ($R_{min} / R1_{max}$)** | ~0.040 - 0.110 $\Omega$ | Initial resistance at 25°C. |
---
## 2. Working Principle
Unlike a traditional fuse that blows and must be replaced, the SCF150-R-1812 is **resettable**:
1. **Normal Operation:** The device has low resistance and allows current to flow through the circuit.
2. **Fault Condition:** If an overcurrent or short-circuit occurs, the internal temperature of the polymer rises.
3. **Tripping:** Once the temperature reaches a critical threshold, the polymer expands, causing the resistance to jump by several orders of magnitude, effectively cutting off the current.
4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state.
---
## 3. Physical Attributes
The **1812** footprint is one of the most common sizes for SMD fuses, balancing power handling with PCB space efficiency.
* **Length:** 4.50 mm (approx. 0.18 in)
* **Width:** 3.20 mm (approx. 0.12 in)
* **Mounting Type:** Surface Mount (SMD/SMT)
* **Termination:** Solder-plated pads for reflow soldering.
---
## 4. Common Applications
* **USB Ports:** Protection for USB 2.0/3.0 hubs and peripherals.
* **Battery Packs:** Protection against external short circuits in Li-ion or NiMH packs.
* **Motherboards:** Protection for I/O ports and logic circuits.
* **Consumer Electronics:** Used in cameras, game consoles, and handheld devices to prevent fire hazards from circuit failures.
- ⤷
What is the difference between I-hold and I-trip for this component?
- ⤷ How does ambient temperature affect the performance of the SCF150-R-1812?
- ⤷ Can this PPTC be used in high-voltage AC circuits?