SCI0603S-R18F
AI

## SCI0603S-R18F Electronic Component Overview
The **SCI0603S-R18F** is a surface-mount high-frequency wire-wound chip inductor. It is widely used in RF (Radio Frequency) circuits due to its excellent performance in high-frequency applications where low loss and high stability are required.
### 1. Technical Specifications
The following table outlines the core electrical characteristics of the SCI0603S-R18F:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 180 nH (0.18 µH) |
| **Tolerance** | ±1% (F-grade) |
| **Package / Case** | 0603 (1608 Metric) |
| **Quality Factor (Q min)** | 25 @ 100MHz |
| **Self-Resonant Frequency (SRF)** | 900 MHz (Typical) |
| **DC Resistance (DCR max)** | 1.25 Ω |
| **Rated Current (max)** | 210 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Features and Construction
* **Wire-Wound Construction:** Unlike multilayer inductors, this part uses a wire-wound structure on a ceramic core. This provides significantly higher **Q factors** and lower DC resistance, making it ideal for signal integrity.
* **Precision Tolerance:** The "F" suffix indicates a **±1% tolerance**, which is crucial for tuning circuits, filters, and oscillators where precise inductance values are mandatory.
* **Compact Footprint:** The **0603** size (1.6mm x 0.8mm) allows for high-density PCB layouts common in modern mobile and wireless devices.
---
### 3. Typical Applications
This component is typically found in the following circuit types:
1. **RF Matching Networks:** Impedance matching between antennas and RF transceivers.
2. **LC Filter Circuits:** Used in low-pass, high-pass, or band-pass filters to eliminate noise.
3. **VCOs (Voltage Controlled Oscillators):** Providing frequency stability in oscillation circuits.
4. **Wireless Communication:** Common in Bluetooth, Wi-Fi, and cellular (LTE/5G) modules.
---
### 4. Part Number Breakdown
| Part Segment | Meaning |
| :--- | :--- |
| **SCI** | Series Identifier (Signal Chip Inductor) |
| **0603** | Dimensions (0.06 x 0.03 inches) |
| **S** | Standard / High Q series |
| **R18** | Inductance Value (R = decimal point; 0.18 µH = 180 nH) |
| **F** | Tolerance (F = ±1%) |
- ⤷
What are the main differences between wire-wound and multilayer inductors in RF designs?
- ⤷ How does the Q factor affect the performance of a band-pass filter?
- ⤷ Can you provide equivalent part numbers from other manufacturers like Murata or TDK?