SCI0603S-R18GF
AI

The **SCI0603S-R18GF** is a high-frequency, surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high stability and low loss are required.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 180 nH (0.18 µH) | The "R18" in the name represents 0.18 µH. |
| **Tolerance** | ±2% | Represented by the "G" suffix. |
| **Package Size** | 0603 | Dimensions: 1.6mm x 0.8mm (0.06 x 0.03 inches). |
| **Core Material** | Ceramic | Non-magnetic core for high-frequency performance. |
| **Structure** | Wire-wound | Copper wire wrapped around a ceramic core for high Q factors. |
| **Termination** | Lead-Free (F) | RoHS compliant matte tin plating. |
---
### 2. Key Electrical Performance
Wire-wound inductors like the SCI0603S series offer superior performance compared to multilayer inductors in specific areas:
* **High Q Factor:** These parts maintain high "Quality Factors," meaning they have very low energy loss at high frequencies.
* **High SRF (Self-Resonant Frequency):** Due to the ceramic core and precise winding, this part can operate at frequencies well into the GHz range before becoming capacitive.
* **Low DCR (DC Resistance):** The use of thicker copper wire ensures low resistance, minimizing heat generation and power loss.
---
### 3. Common Applications
Because of its precision and high-frequency stability, the SCI0603S-R18GF is commonly found in:
1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi, Bluetooth, and cellular modules.
2. **Filter Circuits:** Used in Band-pass or Low-pass filters for signal conditioning.
3. **VCOs (Voltage Controlled Oscillators):** Stabilizing oscillation frequencies in communication devices.
4. **Power Amplifiers:** Decoupling and biasing circuits in wireless transmitters.
---
### 4. Comparison: Ceramic vs. Ferrite Core
| Feature | Ceramic Core (SCI0603S) | Ferrite Core |
| :--- | :--- | :--- |
| **Frequency Range** | Very High (RF) | Low to Medium |
| **Saturation** | Does not saturate | Saturates at high current |
| **Inductance Range** | Typically lower (nH) | Typically higher (µH to mH) |
| **Best For** | Signal Integrity / RF | Power Filtering / Storage |
- ⤷
What is the maximum current rating (Irms) for this specific inductor?
- ⤷ How does a 2% tolerance compare to standard tolerances for inductors?
- ⤷ Can this part be used for power supply decoupling in high-speed digital circuits?