SCI0805S-R36F
AI

The **SCI0805S-R36F** is a specific electronic component belonging to the family of **Surface Mount (SMD) Wire-Wound Ceramic Chip Inductors**. These are commonly used in high-frequency RF (Radio Frequency) circuits.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Deciphering
Understanding the naming convention helps identify the physical and electrical limits of the part:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **SCI** | Series Name | Standard Chip Inductor (Wire-wound) |
| **0805** | Case Size | 0.08 x 0.05 inches (Metric: 2012) |
| **S** | Material/Process | Standard / High Q Ceramic Core |
| **R36** | Inductance Value | R represents decimal point: **0.36 µH (360 nH)** |
| **F** | Tolerance | **±1%** (Very high precision) |
---
### 2. Technical Specifications
The "S" series typically features high self-resonant frequencies and high Q factors.
* **Inductance:** 360 nH (0.36 µH)
* **Tolerance:** ±1%
* **Core Material:** Ceramic (Non-magnetic, offering excellent thermal stability)
* **Termination:** Tin over Nickel (Lead-free/RoHS compliant)
* **Operating Temperature:** Generally -40°C to +125°C
---
### 3. Key Performance Features
#### A. High Q Factor
Because it is wire-wound on a ceramic core, it has very low DC resistance (DCR) compared to multilayer inductors. This results in a high "Quality Factor," meaning low energy loss at high frequencies.
#### B. Self-Resonant Frequency (SRF)
Ceramic inductors have high SRF. For a 360nH 0805 inductor, the SRF is typically in the range of **500 MHz to 900 MHz**. It should always be operated well below this frequency to remain inductive.
#### C. Current Handling
While smaller than power inductors, the 0805 wire-wound series can typically handle Rated Currents ($I_{DC}$) between **200mA and 500mA**, depending on the specific manufacturer's heat dissipation rating.
---
### 4. Common Applications
Due to the ±1% tolerance and high-frequency stability, this part is found in:
* **RF Filters:** Bandpass and Lowpass filters in wireless communication.
* **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer.
* **Oscillators:** Providing stable inductance for frequency generation.
* **VCOs:** Voltage Controlled Oscillators in cellular and Wi-Fi modules.
---
### 5. Footprint (0805) Dimensions
| Dimension | Inches | Millimeters (mm) |
| :--- | :--- | :--- |
| Length (L) | 0.080 | 2.03 |
| Width (W) | 0.050 | 1.27 |
| Height (H) | 0.045 | 1.14 |
---
- ⤷
What is the maximum DC Resistance (DCR) typically associated with this 360nH inductor?
- ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
- ⤷ Can this inductor be used in power supply filtering applications?