SCI0805S-R47F
AI

The **SCI0805S-R47F** is a specific surface-mount electronic component, primarily categorized as a **Wire-Wound Chip Inductor**. It is designed for high-frequency applications where stability and high Q-factors are required.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SCI** | Series Type | Standard Chip Inductor (Wire-wound) |
| **0805** | Case Size | Imperial size 0805 (approx. 2.0 x 1.25 mm) |
| **S** | Material/Process | Often denotes a Standard or Specialized ceramic core |
| **R47** | Inductance Value | **0.47 µH** (R denotes the decimal point) |
| **F** | Tolerance | **±1%** (High precision) |
---
### 2. Technical Specifications
While exact specs can vary slightly by manufacturer (such as Signal Construct or Chilisin), the standard parameters for an R47F 0805 inductor are generally:
* **Inductance:** 470 nH (0.47 µH)
* **Tolerance:** ±1% (Precision grade)
* **Quality Factor (Q):** Typically 45–60 (measured at ~100 MHz)
* **Self-Resonant Frequency (SRF):** Usually above 500 MHz
* **DC Resistance (DCR):** Low (typically < 1.0 Ω)
* **Rated Current:** Generally between 200mA and 500mA depending on the specific series rating.
---
### 3. Key Construction Features
1. **Ceramic Core:** Provides excellent thermal stability and a high SRF, making it ideal for RF (Radio Frequency) applications.
2. **Wire-Wound Technology:** Offers significantly higher Q-factors and lower DC resistance compared to multilayer inductors.
3. **Encapsulation:** Often coated with an epoxy resin to protect the fine copper wire from mechanical stress and environmental factors.
---
### 4. Common Applications
Due to its high precision (1% tolerance) and 0805 form factor, this part is commonly used in:
* **RF Tuning Circuits:** Matching networks for antennas.
* **Filters:** Low-pass, high-pass, and band-pass filters in communication devices.
* **Oscillators:** Providing stable inductance for frequency generation.
* **Mobile Communication:** Used in smartphones, Wi-Fi modules, and Bluetooth transceivers.
---
### 5. Footprint Information
The **0805 (2012 Metric)** package is a standard size that is easily handled by most Pick-and-Place SMT machines.
| Dimension | Metric (mm) | Imperial (inches) |
| :--- | :--- | :--- |
| **Length** | 2.00 ± 0.20 | 0.079 ± 0.008 |
| **Width** | 1.25 ± 0.20 | 0.049 ± 0.008 |
| **Height** | 1.20 ± 0.20 | 0.047 ± 0.008 |
- ⤷
What is the difference between a wire-wound and a multilayer inductor in RF circuits?
- ⤷ How does the 'Q factor' affect the performance of the SCI0805S-R47F?
- ⤷ Can I substitute a 5% tolerance inductor for this 1% F-rated part?