AI

The **SCIHP0735-R47M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply modules. It belongs to the "Molded Power Inductor" category, known for its compact size and high efficiency.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its core specifications:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **SCIHP** | Series Prefix | Shielded, high-current molded power inductor. |
| **0735** | Case Size | Approx. 7.0mm x 7.0mm (Length x Width) and 3.5mm height. |
| **R47** | Inductance Value | **0.47 µH** (microhenries). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Key Electrical Specifications
Based on standard industry datasheets for this specific part size and value:
* **Inductance:** 0.47 µH
* **DC Resistance (DCR):** Typically very low (approx. 2.5mΩ to 4.0mΩ), which minimizes power loss through heat.
* **Saturation Current (Isat):** Usually ranges between **20A to 30A**. This is the current at which inductance drops by a specific percentage (usually 20-30%).
* **Rated Current (Irms):** Usually around **15A to 22A**. This is the continuous current that causes a 40°C temperature rise.
* **Operating Temperature:** Typically -55°C to +125°C.
---
### 3. Construction and Features
The SCIHP0735-R47M utilizes a **Molded Iron Powder** construction, which offers several advantages:
1. **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI) with surrounding components.
2. **Soft Saturation:** Unlike ferrite core inductors that lose inductance sharply, these molded parts have a gradual saturation curve.
3. **High Current Density:** Capable of handling large current spikes in a small physical footprint.
4. **Low Buzz Noise:** The solid molded structure reduces acoustic noise caused by magnetostriction.
---
### 4. Common Applications
This part is typically found in high-performance electronics where space is limited but power demands are high:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs.
* **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies.
* **Portable Devices:** Laptops, tablets, and high-end smartphones.
* **Automotive Electronics:** Infotainment systems and LED lighting drivers.
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can you provide a circuit diagram example using the 0.47uH inductor?
- ⤷ What are the recommended soldering profiles for SMD molded inductors?