Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SCIMX6DP6CYM2AB

  • AI
    The **SCIMX6DP6CYM2AB** is a specific part number within NXP Semiconductors' **i.MX 6DualPlus** family of applications processors. This chip is designed for high-performance multimedia and industrial applications, balancing power efficiency with 2D and 3D graphics capabilities. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Architecture** | ARM® Cortex®-A9 | | **Number of Cores** | Dual Core (2 cores) | | **Max Clock Speed** | 1.0 GHz or 1.2 GHz (depending on power state) | | **L1 Cache** | 32 KB instruction, 32 KB data (per core) | | **L2 Cache** | 1 MB (shared) | | **Graphics (GPU)** | Triple Play: 3D (Vivante GC2000), 2D (Vivante GC320), Vector (Vivante GC355) | | **Video Processing** | 1080p60 decode, 1080p30 encode | | **Memory Support** | LPDDR2, DDR3, DDR3L (up to 533 MHz) | | **Package Type** | 624-pin FCBGA (Lidded) | | **Operating Temp** | Industrial (-40°C to 105°C) | --- ### 2. Functional Blocks and Connectivity The SCIMX6DP6CYM2AB is a "System on Chip" (SoC) that integrates several specialized components: #### Multimedia and Display * **VPU (Video Processing Unit):** Handles hardware acceleration for H.264, VP8, and other formats. * **Display Interface:** Supports HDMI 1.4, dual-channel LVDS, and MIPI-DSI. * **Camera Interface:** Parallel and MIPI-CSI2 inputs. #### Connectivity & Interfaces * **PCI Express (Gen 2.0):** 1 lane for high-speed peripherals. * **SATA II:** 3 Gbps interface for Hard Drives or SSDs. * **USB:** Dual USB 2.0 OTG with integrated PHYs. * **Networking:** Gigabit Ethernet MAC (requires external PHY). * **Standard I/O:** 3x SD/MMC (eMMC support), 5x UART, 3x I2C, 4x SPI, and CAN bus. --- ### 3. "Plus" Series Enhancements The "DP" (DualPlus) version offers several improvements over the standard i.MX 6Dual: 1. **Increased Memory Bandwidth:** Optimized memory controllers to reduce bottlenecks in high-resolution graphics tasks. 2. **Enhanced Prefetch Engine:** Improves performance by anticipating data needs for the ARM cores. 3. **Improved Graphics:** Higher clock speeds and more efficient hardware acceleration compared to the original i.MX 6 series. --- ### 4. Hardware Design Considerations To implement this part in a circuit, engineers must account for: * **Power Management:** Requires a sophisticated PMIC (Power Management IC) like the **MMPF0100** to manage multiple voltage rails. * **Thermal Management:** Being an industrial-grade part in a lidded FCBGA package, it requires proper heat sinking if operated at full load in high-temperature environments. * **Boot Configuration:** Determined by physical pins (BOOT_MODE) and internal eFuses to select from SD, eMMC, or SPI Flash.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the i.MX 6Dual and i.MX 6DualPlus?
    • ⤷ Which PMIC models are recommended for the SCIMX6DP6CYM2AB?
    • ⤷ Does this processor support hardware-based secure boot and encryption?