AI

The **SCIMX6DP7CYM2AB** is a high-performance application processor belonging to the **i.MX 6DualPlus** family, manufactured by NXP Semiconductors. It is designed for demanding multimedia applications, industrial automation, and automotive infotainment.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of this specific SoC (System on Chip):
| Feature | Specification |
| :--- | :--- |
| **Architecture** | ARM® Cortex®-A9 (Dual-Core) |
| **Clock Speed** | Up to 1.2 GHz |
| **L1 Cache** | 32 KB instruction, 32 KB data (per core) |
| **L2 Cache** | 1 MB shared |
| **GPU (Graphics)** | Vivante GC2000 (3D), GC355 (2D), GC320 (Comp) |
| **Memory Support** | DDR3, DDR3L, LPDDR2 (Dual-channel) |
| **Operating Temp** | -40°C to +105°C (Industrial/Automotive Grade) |
| **Package** | 624-pin FCPBGA (21mm x 21mm) |
---
### 2. Major Hardware Subsystems
#### A. Graphics and Multimedia
The "Plus" version of the i.MX 6Dual features enhanced memory bandwidth and improved GPU performance compared to the standard i.MX 6Dual.
* **Video Engines:** Dedicated hardware for 1080p60 video decoding and 1080p30 video encoding.
* **Display Interfaces:** Supports HDMI 1.4, dual-channel LVDS, and MIPI-DSI.
* **Camera Interfaces:** Parallel and MIPI-CSI inputs.
#### B. Connectivity and I/O
The chip integrates a wide variety of high-speed peripherals:
* **PCIe:** Single lane PCIe 2.0.
* **SATA:** Integrated SATA II (3 Gbps) interface for SSD/HDD connectivity.
* **Ethernet:** 10/100/1000 Mbps Gigabit Ethernet controller.
* **USB:** Dual USB 2.0 OTG with integrated PHYs.
* **Standard I/O:** CAN-bus (FlexCAN), SPI, I2C, UART, and SDIO.
#### C. Power Management
The processor requires a complex power sequence, usually handled by a dedicated Power Management IC (PMIC) like the **MMPF0100**. It features advanced power gating to shut down unused cores or peripherals to save energy.
---
### 3. Part Number Decoding
The suffix **"AB"** at the end of the part number indicates the silicon revision.
```text
SC - Special/Standard Prefix
IMX - i.MX Family
6 - Series (6)
D - Dual Core
P - Plus (Enhanced Performance/Bandwidth)
7 - Industrial Grade / Speed Rating
C - Temperature Range (-40 to 105C)
YM - Package Code (FCPBGA)
2AB - Silicon Revision/Mask Set
```
---
### 4. Application Areas
Due to its high thermal tolerance and reliability, this part is commonly used in:
1. **Industrial Human Machine Interfaces (HMI):** Control panels for factories.
2. **Automotive Head Units:** Infotainment systems and digital clusters.
3. **Medical Equipment:** High-resolution imaging displays.
4. **Digital Signage:** Media players requiring 24/7 operation.
- ⤷
What are the main differences between the i.MX 6Dual and the i.MX 6DualPlus?
- ⤷ Which PMIC is recommended for use with the SCIMX6DP7CYM2AB?
- ⤷ How does the memory bandwidth enhancement in this 'Plus' version affect 3D rendering?