SCT-2F2M-U8-R
AI

The **SCT-2F2M-U8-R** is a specific part number typically associated with **M12 Circular Connectors**, commonly used in industrial automation, sensor technology, and fieldbus systems.
Based on the alphanumeric coding, this component is an **Adapter/Splitter** designed for rugged environments.
---
## 1. Technical Specifications Breakdown
The part number can be decoded to understand its electronic and mechanical properties:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Connector Type** | M12 Circular | Standard industrial interface for sensors/actuators. |
| **Configuration** | Y-Splitter (1 to 2) | Typically 1 Male (Plug) to 2 Females (Sockets). |
| **Coding** | A-Coding | The standard coding for DC sensors, actuators, and CANopen. |
| **Pin Count** | 8-Pin (U8) | High density for multiple signals or complex sensor data. |
| **Voltage Rating** | 30V - 60V AC/DC | Depending on specific insulation materials used. |
| **Current Rating** | 2A per contact | Standard for 8-pole M12 connectors. |
| **Protection Class**| IP67 / IP68 | Dust-tight and waterproof under immersion. |
---
## 2. Pinout and Wiring Structure
For an 8-pin M12 "Y" splitter like the **SCT-2F2M-U8-R**, the internal wiring usually follows a parallel or series bridge pattern:
- **Input (Male):** Connects to the main controller or junction box.
- **Outputs (2x Female):** Connect to two separate devices (e.g., two sensors or an encoder and a switch).
- **Material:** The body is usually made of **TPU (Thermoplastic Polyurethane)** for oil resistance, and contacts are **Gold-plated brass** to prevent oxidation.
### Typical 8-Pin Color Code (Standard A-Coding)
1. White
2. Brown
3. Green
4. Yellow
5. Grey
6. Pink
7. Blue
8. Red
---
## 3. Key Electronic Applications
This part is crucial in systems where space is limited and multiple signals need to be consolidated:
* **Industrial Automation:** Distributing power and data from a single cable to two different sensors.
* **Vision Systems:** Connecting cameras that require multiple trigger and power lines.
* **Safety Circuits:** Implementing dual-channel safety loops (redundancy).
* **Fieldbus Systems:** Used in setups involving DeviceNet or high-pin-count IO-Link modules.
---
## 4. Mechanical & Environmental Features
* **Coupling Nut:** Nickel-plated brass or Stainless steel for secure vibration-proof locking.
* **Temperature Range:** Typically rated for **-25°C to +85°C**.
* **Shielding:** Often comes with 360° EMI/RFI shielding to protect signal integrity in noisy factory environments.
- ⤷
What is the specific wiring diagram for the SCT-2F2M-U8-R splitter?
- ⤷ Can this connector be used for high-speed Ethernet data transmission?
- ⤷ What are the compatible mounting accessories for this M12 adapter?