SCT-VFVF-U8-R
AI

The **SCT-VFVF-U8-R** is a specialized radio frequency (RF) component typically used in high-frequency testing, telecommunications, and laboratory environments. It serves as a high-precision adapter designed to bridge two male connectors or change the gender of a connection point.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | RF Coaxial Adapter |
| **Connector A** | 1.85mm (V-Type) Female |
| **Connector B** | 1.85mm (V-Type) Female |
| **Frequency Range** | DC to 67 GHz (Standard for 1.85mm) |
| **Impedance** | 50 Ohms |
| **Orientation** | Straight (In-series) |
| **Housing Material** | Passivated Stainless Steel |
---
### 2. Physical and Electronic Features
* **1.85mm Interface (V-Connector):** This is a high-performance microwave connector designed to operate up to 67 GHz. It is mechanically compatible with 2.4mm connectors but offers a higher frequency cutoff.
* **VSWR (Voltage Standing Wave Ratio):** Components like the SCT-VFVF-U8-R are engineered for extremely low VSWR (typically <1.25:1 depending on the specific grade), minimizing signal reflection and loss at millimeter-wave frequencies.
* **Durability:** The use of stainless steel ensures long-term reliability and resistance to wear during repeated mating cycles, which is critical for "U8" (often signifying a specific ruggedized or high-tolerance) series parts.
* **Dielectric Support:** Usually utilizes an air-dielectric or specialized plastic support beads to maintain precise 50-ohm impedance through the transition.
---
### 3. Common Applications
1. **Network Analysis:** Used to connect two male cables when performing Vector Network Analyzer (VNA) calibrations.
2. **5G/6G Development:** Essential for testing equipment operating in the FR2 (mmWave) bands.
3. **Aerospace & Defense:** High-frequency signal routing in satellite communication systems and radar modules.
4. **Gender Correction:** Used as a "barrel" adapter to join two male V-type plugs without signal degradation.
---
### 4. Handling Precautions
* **Torque Requirements:** Always use a calibrated torque wrench (typically 8 in-lbs) to avoid damaging the delicate internal pin/socket interface.
* **Cleaning:** Use isopropyl alcohol and lint-free swabs to clean the interface, as microscopic dust can cause significant signal loss at 67 GHz.
- ⤷What is the difference between 1.85mm and 2.4mm connectors?
- ⤷ How does the 'U8' designation impact the performance rating?
- ⤷ Which torque wrench is recommended for tightening V-type connectors?