SD10-100-R
AI

The **SD10-100-R** is a high-performance, low-profile power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is widely used in DC-DC converters and power management circuits where space is limited.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the SD10-100-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.169 Ω (Typical) |
| **Irms (Rated Current)** | 1.08 Amps |
| **Isat (Saturation Current)** | 1.15 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Construction and Features
* **Surface Mount Device (SMD):** Designed for automated pick-and-place assembly.
* **Low Profile:** The "SD10" series indicates a specific package size, typically measuring 5.2mm x 5.2mm with a height of only 1.0mm.
* **Magnetic Shielding:** The part is shielded to minimize Electromagnetic Interference (EMI), making it ideal for noise-sensitive applications like mobile phones or medical sensors.
* **Ferrite Core:** Utilizes a ferrite core material for high efficiency and low core losses at high frequencies.
---
### 3. Application Use Cases
The SD10-100-R is commonly found in the following electronic environments:
1. **Buck/Boost Converters:** Used for energy storage in switching power supplies.
2. **Handheld Devices:** Due to its 1.0mm height, it fits perfectly in ultra-thin tablets and smartphones.
3. **LED Drivers:** Provides stable current regulation for backlight circuits.
4. **Computer Peripherals:** Used in SSDs, network cards, and portable hard drives.
---
### 4. Part Number Breakdown
Understanding the Eaton/Coiltronics naming convention:
| Segment | Meaning |
| :--- | :--- |
| **SD** | Family Series (Shielded Drum Inductor) |
| **10** | Size/Height Code (approx. 1.0mm height) |
| **100** | Inductance Code (10 + 0 zeros = 10 µH) |
| **-R** | RoHS Compliant / Lead-Free |
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this part be used in automotive applications?
- ⤷ What are the recommended landing patterns for PCB layout?