AI

The **SD10-1R0-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Bussmann)**. It is part of the SD10 series, designed primarily for surface-mount (SMD) applications where space and efficiency are critical.
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.0438 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 2.58 A |
| **RMS Current ($I_{rms}$)** | 2.22 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.20mm x 5.20mm x 1.00mm |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SD**: Series name (Shielded Drum Core).
* **10**: Indicates the physical size/height (approx. 1.0mm height).
* **1R0**: Represents the inductance value. $1R0 = 1.0 \mu H$.
* **R**: Indicates compliance with RoHS standards (Lead-free).
---
### 3. Core Features and Benefits
* **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI). This is crucial for densely packed circuit boards where noise can disrupt sensitive signals.
* **Low Profile:** With a height of only 1.0mm, it is ideal for ultra-thin electronics like smartphones, tablets, and wearable tech.
* **High Energy Density:** It provides high current handling capabilities relative to its small footprint.
* **Ferrite Core:** Utilizes a ferrite drum core for stable performance across high frequencies.
---
### 4. Common Applications
The SD10-1R0-R is typically found in power management circuits, including:
1. **DC-DC Converters:** Used as a storage element in buck, boost, or SEPIC converters.
2. **Portable Electronics:** Ideal for mobile phones, digital cameras, and MP3 players.
3. **Computer Peripherals:** Used in SSDs, laptops, and handheld GPS units.
4. **LED Drivers:** Providing stable current for lighting applications.
---
### 5. Land Pattern (Typical Layout)
```markdown
Recommended Pad Layout:
- Width: 5.50 mm
- Length: 5.50 mm
- Pad Gap: 2.00 mm
```
- ⤷
How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ What are the primary differences between the SD10 and SD12 series?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?