SD10-220-R
AI

The **SD10-220-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the SD10 series, designed primarily for surface-mount applications where space and height are critical.
---
### 1. Key Technical Specifications
The part number "SD10-220-R" provides specific data about its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 22 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 0.77 Amps |
| **Saturation Current (Isat)** | 0.72 Amps |
| **DC Resistance (DCR)** | 0.395 Ohms (Typical) |
| **Package/Case** | SMD (5.2mm x 5.2mm x 1.0mm) |
| **Shielding** | Shielded (Magnetic) |
---
### 2. Physical & Material Composition
* **Core Material:** Ferrite core. This ensures high efficiency and low core losses at high frequencies.
* **Shielding:** It features a magnetic shield, which minimizes **Electromagnetic Interference (EMI)**. This is crucial for densely packed circuit boards where noise can interfere with adjacent components.
* **Dimensions:** The "10" in the series name refers to the height (approximately 1.0mm), making it an ultra-thin component.
---
### 3. Application Use Cases
This specific inductor is commonly found in small consumer electronics and power management circuits:
* **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters to store energy.
* **Mobile Devices:** Ideal for smartphones, tablets, and wearables due to the 1.0mm height profile.
* **Battery Powered Equipment:** Used where high efficiency is required to extend battery life.
* **LCD Displays:** Often used in driver circuits for backlighting.
---
### 4. Part Number Breakdown
The nomenclature follows a specific pattern:
* **SD:** Series name (Shielded Drum).
* **10:** Size code (refers to the ~1.0mm height).
* **220:** Inductance code (22 followed by 0 zeros = 22 µH).
* **R:** RoHS compliant (Lead-free).
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this inductor be used in high-temperature automotive environments?
- ⤷ What are the recommended soldering footprint dimensions for the SD10 series?