AI

The **SD10-330-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the SD series, designed specifically for space-constrained electronic circuits that require surface-mount technology (SMT).
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 33.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.531 Ω (Typical) |
| **Irms (Root Mean Square Current)** | 0.61 Amps |
| **Isat (Saturation Current)** | 0.70 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2mm x 5.2mm x 1.0mm |
---
### 2. Physical Construction and Features
The "SD10" designation refers to the physical footprint and height of the component:
* **Low Profile:** The "10" indicates a maximum height of approximately **1.0 mm**, making it ideal for ultra-thin devices like smartphones, tablets, or wearable sensors.
* **Magnetic Shielding:** It is a **shielded inductor**, meaning the magnetic flux is contained within the component. This reduces Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Ferrite Core:** Utilizes a ferrite core material characterized by low core losses, which enhances efficiency in power conversion.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with RoHS standards.
---
### 3. Functional Applications
The SD10-330-R is primarily used in power management circuits where voltage needs to be stepped up, stepped down, or filtered.
* **DC-DC Converters:** Acts as the energy storage element in Buck (step-down), Boost (step-up), and SEPIC converters.
* **Battery Powered Devices:** Due to its small size and efficiency, it is commonly found in handheld GPS units, digital cameras, and mobile phones.
* **Noise Filtering:** Can be used in LC filters to smooth out ripple current in power supply lines.
* **LED Drivers:** Used in circuits that regulate current for backlighting or flash applications.
---
### 4. Implementation Considerations
When designing a circuit with the SD10-330-R, engineers must consider:
1. **Saturation Current ($I_{sat}$):** If the peak current exceeds 0.70A, the inductance will drop significantly, potentially causing the circuit to fail or overheat.
2. **Thermal Management:** The $I_{rms}$ rating (0.61A) is based on a specific temperature rise (usually 40°C). High ambient temperatures may require derating the current.
3. **Pad Layout:** The 5.2mm x 5.2mm footprint requires precise SMT soldering to ensure a solid mechanical and electrical connection.
- ⤷What is the difference between Isat and Irms in the context of this inductor?
- ⤷ What are the common alternatives to the SD10 series for higher current applications?
- ⤷ How does the shielding in the SD10-330-R help with EMI compliance?