Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SD10-R47

  • AI
    The **SD10-R47** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It belongs to the SD series, known for its low profile and high power density. --- ## 1. Core Technical Specifications The "R47" in the part number indicates its inductance value. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.0247 Ω (Typ) | | **Rated Current (Irms)** | ~2.59 Amps | | **Saturation Current (Isat)** | ~4.16 Amps | | **Core Material** | Ferrite | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Structural Composition The SD10-R47 is engineered for efficiency in small spaces. Its construction consists of three main components: ### A. Ferrite Core It utilizes a shielded ferrite core. This design contains the magnetic flux within the component, significantly reducing **Electromagnetic Interference (EMI)** with neighboring components on the PCB. ### B. Copper Winding A flat or round copper wire is wound around the core. The "R47" version uses relatively thick wire to achieve a very low DCR, which minimizes power loss due to heat (I²R loss). ### C. Termination (Pads) The part features solder-plated terminals designed for **Surface Mount Technology (SMT)**. These pads are typically lead-free and compatible with reflow soldering processes. --- ## 3. Functional Roles in a Circuit In electronic systems, the SD10-R47 performs several critical tasks: 1. **Energy Storage:** In switching regulators (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Current Smoothing:** It acts as a low-pass filter, smoothing out the high-frequency ripples generated by switching power supplies to provide a stable DC voltage. 3. **Noise Suppression:** It blocks high-frequency AC noise while allowing DC current to pass through freely. --- ## 4. Common Applications Due to its 0.47µH inductance and high current rating, it is found in: * **Mobile Devices:** Smartphones and tablets for internal voltage regulation. * **Computing:** VRM (Voltage Regulator Modules) for CPUs and GPUs. * **Portable Electronics:** Digital cameras and handheld gaming consoles.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ How does the shielded design of the SD10 series impact PCB layout?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?