SD103CWH
AI

## SD103CWH Schottky Barrier Diode
The **SD103CWH** is a small-signal Schottky barrier diode, typically housed in the **SOD-123** surface-mount package. It is designed for high-frequency applications, fast switching, and low voltage rectification.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the SD103CWH:
| Parameter | Symbol | Value | Unit |
| :--- | :---: | :---: | :---: |
| Peak Repetitive Reverse Voltage | $V_{RRM}$ | 40 | V |
| RMS Reverse Voltage | $V_{R(RMS)}$ | 28 | V |
| Maximum Average Forward Current | $I_{F(AV)}$ | 350 | mA |
| Forward Voltage Drop (@ $I_F = 200mA$) | $V_F$ | 0.60 | V |
| Maximum Reverse Current (@ $V_R = 30V$) | $I_R$ | 5.0 | µA |
| Reverse Recovery Time | $t_{rr}$ | 10 | ns |
---
### 2. Physical & Material Properties
* **Package Type:** SOD-123 (Small Outline Diode).
* **Construction:** Silicon Epitaxial Planar.
* **Terminals:** Lead-free (RoHS compliant), usually matte tin-plated.
* **Polarity:** Band denotes the **Cathode** end.
* **Thermal Resistance:** Approximately 500 °C/W (Junction to Ambient).
---
### 3. Core Features & Advantages
* **Low Forward Voltage ($V_F$):** Compared to standard PN junction diodes (which have a $V_F$ of ~0.7V), the Schottky barrier allows for lower power dissipation and higher efficiency.
* **Fast Switching:** With a reverse recovery time ($t_{rr}$) of roughly 10ns, it is suitable for high-speed signal processing.
* **Guard Ring Protection:** The internal structure usually includes a guard ring for over-voltage protection and to minimize leakage currents.
---
### 4. Common Applications
1. **Switching Power Supplies:** Used in low-voltage DC-DC converters.
2. **Clamping Circuits:** Protects sensitive IC inputs from voltage spikes.
3. **Reverse Polarity Protection:** Prevents damage if batteries or power sources are connected incorrectly (in low-current circuits).
4. **Signal Demodulation:** Used in RF detection due to its fast response time.
- ⤷
How does the SD103CWH compare to a standard 1N4148 switching diode?
- ⤷ What is the maximum power dissipation for the SOD-123 package version?
- ⤷ Can this diode be used for high-frequency RF rectification?