SD103CWS
AI

## SD103CWS: Schottky Barrier Diode
The **SD103CWS** is a surface-mount Schottky barrier diode designed for low-voltage applications that require high efficiency and fast switching speeds. It is commonly used in small signal applications, guard rings, and protection circuits.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the SD103CWS.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 20 | V |
| **Forward Continuous Current** | $I_F$ | 350 | mA |
| **Forward Voltage Drop** (at $I_F = 200mA$) | $V_F$ | 0.60 | V (Max) |
| **Reverse Recovery Time** | $t_{rr}$ | 10 | ns (Typ) |
| **Power Dissipation** | $P_d$ | 200 | mW |
| **Operating Temperature** | $T_j$ | -55 to +125 | °C |
---
### 2. Physical and Packaging Features
The SD103CWS is typically housed in the **SOD-323** package, which is a very small, plastic surface-mount device (SMD).
* **Package Type:** SOD-323 (Small Outline Diode).
* **Pin Configuration:** 2-pin (Anode and Cathode).
* **Polarity:** A band on the body denotes the **Cathode** end.
* **Lead-Free:** Usually compliant with RoHS standards.
---
### 3. Core Functions and Advantages
Schottky diodes like the SD103CWS differ from standard PN-junction diodes in several ways:
1. **Low Forward Voltage ($V_F$):** Because it uses a metal-to-semiconductor junction, it has a lower voltage drop than silicon diodes (typically 0.2V to 0.6V vs 0.7V). This results in lower power loss.
2. **Ultra-Fast Switching:** Since there is no minority carrier storage charge, the diode can switch from "on" to "off" almost instantaneously.
3. **Low Capacitance:** Provides minimal interference in high-frequency signal paths.
---
### 4. Common Applications
* **Voltage Clamping:** Protecting sensitive IC inputs from overvoltage.
* **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backwards (limited to low current).
* **High-Speed Switching:** Used in digital logic circuits to improve response time.
* **Freewheeling Diode:** Used in small inductive load circuits to suppress voltage spikes.
---
- ⤷What are the differences between SD103A
- ⤷ SD103B
- ⤷ and SD103C?
- ⤷ How does the SOD-323 footprint compare to SOD-123 in PCB design?
- ⤷ In what scenarios would a standard 1N4148 be preferred over a SD103CWS?