SD106WS-CA2-R
AI

The **SD106WS-CA2-R** is a high-speed switching diode, typically utilized in surface-mount applications where low forward voltage drop and fast recovery times are essential. It belongs to the Schottky Barrier Diode family.
---
### 1. Key Technical Specifications
The following table highlights the core electrical characteristics of the SD106WS-CA2-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 30 | V |
| **Forward Continuous Current** | $I_F$ | 200 | mA |
| **Forward Voltage Drop** (at 200mA) | $V_F$ | ~0.50 | V |
| **Reverse Recovery Time** | $t_{rr}$ | < 5.0 | ns |
| **Power Dissipation** | $P_D$ | 200 | mW |
| **Operating Temperature** | $T_j$ | -55 to +125 | °C |
---
### 2. Physical and Packaging Details
This component is designed for modern, high-density PCB layouts:
* **Package Type:** SOD-323 (Small Outline Diode).
* **Mounting:** Surface Mount Device (SMD).
* **Marking Code:** Usually designated by a 2-character code on the body (e.g., "S6").
* **Lead-Free:** Generally complies with RoHS standards for environmental safety.
---
### 3. Functional Applications
Due to its **Schottky** construction, it features a lower forward voltage drop compared to standard silicon diodes, making it ideal for:
1. **High-Speed Switching:** Used in digital logic circuits to protect against signal reflections.
2. **Rectification:** Small scale AC to DC conversion in low-voltage power supplies.
3. **Clamping & Protection:** Protecting sensitive IC inputs from overvoltage or reverse polarity.
4. **Battery Isolation:** Preventing reverse current flow in battery-powered portable electronics.
---
### 4. Schematic Representation
In a circuit diagram, it is represented by the standard Schottky Diode symbol:
```text
Anode Cathode (Bar)
| |\ | |
+------| >|------+
|/ |
(S-shape)
```
- ⤷
What are the main advantages of using a Schottky diode like the SD106WS over a standard PN junction diode?
- ⤷ How does the SOD-323 package footprint compare to the SOD-123?
- ⤷ Can this diode be used for high-power rectification applications?