SD12-100-R
AI

The **SD12-100-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD Series of surface-mount (SMD) power inductors, specifically designed for applications requiring high power density and magnetic shielding.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the SD12-100-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.165 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 1.10 Amperes |
| **RMS Current ($I_{rms}$)** | 1.05 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (Footprint)** | 5.2mm x 5.2mm x 1.2mm |
---
### 2. Physical Construction and Features
The "SD12" designation provides specific information about its mechanical build:
* **Magnetically Shielded:** The part is constructed with a ferrite drum core and a ferrite ring. This minimizes Electromagnetic Interference (EMI), making it safe to place near sensitive components.
* **Low Profile:** The "12" in the name indicates a maximum height of approximately **1.2 mm**, making it ideal for ultra-thin electronics like smartphones or tablets.
* **Construction:** It uses a high-temperature wire-wound design on a ferrite core to ensure stability under load.
---
### 3. Application Use-Cases
The SD12-100-R is primarily used in power management circuits. Typical applications include:
1. **DC-DC Converters:** Used as a storage element in Buck (step-down) or Boost (step-up) converters.
2. **Portable Electronics:** Due to its height, it is used in handheld GPS units, digital cameras, and mobile accessories.
3. **Battery Powered Devices:** Ideal for circuits where efficiency and space-saving are critical.
4. **LED Drivers:** Used to regulate current in small-scale LED lighting systems.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SD:** Product series (Inductor).
* **12:** Dimensions (Approx 5.2mm width x 1.2mm height).
* **100:** Inductance value. The first two digits are significant figures, the third is the multiplier ($10 \times 10^0 = 10$). Result is in µH.
* **R:** Denotes RoHS compliance (Lead-free).
---
- ⤷What is the difference between the SD12 and SD25 series inductors?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Are there recommended PCB footprints for the SD12-100-R?