SD12-102-R
AI

## SD12-102-R Electronic Component Overview
The **SD12-102-R** is a low-profile, shielded surface-mount (SMD) power inductor part of the SD series manufactured by **Eaton (formerly Coiltronics)**. It is widely used in power management circuits due to its compact size and high energy storage capabilities.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 1.0 mH (1000 µH) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 14.8 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.088 Amps (88 mA) |
| **RMS Current ($I_{rms}$)** | 0.138 Amps (138 mA) |
| **Shielding** | Ferrite core (Shielded) |
| **Dimensions** | 5.2mm x 5.2mm x 1.2mm |
---
### 2. Functional Components
* **Ferrite Drum Core:** The "102" code signifies high inductance (1.0mH), achieved by using a high-permeability ferrite core.
* **Magnetic Shielding:** The "SD" series features a shielded construction, which minimizes Electromagnetic Interference (EMI) by containing the magnetic flux within the component.
* **Winding:** Copper wire is wound around the core. In the 102-R model, the wire is very thin to accommodate the high number of turns required for 1mH within a 1.2mm height profile.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental standards.
---
### 3. Application Use Cases
This specific inductor is designed for low-power applications where space is at a premium.
1. **DC-DC Converters:** Used in Buck or Boost regulators to smooth current ripples.
2. **Noise Filtering:** High inductance makes it effective for filtering high-frequency noise in signal lines.
3. **Portable Electronics:** Ideal for smartphones, wearables, and handheld medical devices due to the 1.2mm ultra-low profile.
4. **LED Drivers:** Used in small-scale LED backlighting circuits.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series name (Shielded Drum) |
| **12** | Physical size (Approx. 5.2mm x 1.2mm height) |
| **102** | Inductance Code (10 followed by 2 zeros = 1000µH or 1mH) |
| **-R** | RoHS compliant |
- ⤷What is the difference between SD12 and SD18 series inductors?
- ⤷ How does saturation current affect the performance of this inductor?
- ⤷ Can this part be used in high-current power supplies?