SD12-1R5-R
AI

### SD12-1R5-R Component Analysis
The **SD12-1R5-R** is a high-power density, low-profile, shielded drum core inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the SD series, which is designed for applications where space is limited and EMI (Electromagnetic Interference) shielding is required.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.038 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 2.57 A |
| **RMS Current ($I_{rms}$)** | 2.12 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | SMD (5.2mm x 5.2mm x 1.2mm) |
| **Shielding** | Ferrite Core (Shielded) |
---
### 2. Key Internal & External Features
* **Magnetic Shielding:** The component features a ferrite drum core with a magnetic epoxy resin shroud. This minimizes leaked magnetic flux, preventing interference with nearby sensitive components on the PCB.
* **Low Profile:** The "12" in the part number indicates a maximum height of approximately **1.2 mm**, making it ideal for ultra-thin electronics like smartphones or wearable tech.
* **Construction:** It uses a flat-top surface suitable for high-speed automated "pick and place" assembly.
* **Material:** It is lead-free, halogen-free, and RoHS compliant.
---
### 3. Application Use Cases
This specific inductor is typically found in DC-DC converter circuits.
* **Buck Converters:** Used as the energy storage element in step-down voltage regulators.
* **Battery Powered Devices:** Due to its small footprint, it is common in tablets, digital cameras, and handheld GPS units.
* **Filter Inductor:** Used in LC filters to smooth out ripple current in power supplies.
---
### 4. Part Number Breakdown
The nomenclature for the **SD12-1R5-R** is defined as follows:
1. **SD:** Series name (Shielded Drum Core).
2. **12:** Size code (refers to the ~1.2mm height).
3. **1R5:** Inductance value ($1.5$ microhenries).
4. **-R:** RoHS compliance suffix.
---
- ⤷
What are the recommended footprint dimensions for soldering this component?
- ⤷ How does the saturation current change if the temperature rises above 100\u00b0C?
- ⤷ What are the alternatives to the SD series if I need higher current handling in the same size?