SD12-220-R
AI

The **SD12-220-R** is a high-performance, low-profile power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the SD series, which is specifically designed for high power density and space-constrained applications.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the SD12-220-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 22.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 0.81 Amps |
| **Saturation Current (Isat)** | 0.72 Amps |
| **DC Resistance (DCR)** | 0.407 Ohms (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
## 2. Key Physical Features
The "SD12" designation refers to the physical dimensions of the component, which is crucial for PCB layout:
* **Footprint:** Approximately 5.2mm x 5.2mm.
* **Height:** 1.2mm (Low profile), making it ideal for ultra-thin devices like tablets or slim industrial sensors.
* **Construction:** Ferrite drum core with a magnetic shield to minimize Electromagnetic Interference (EMI).
* **Mounting:** Surface Mount Device (SMD).
---
## 3. Component Breakdown
The part number **SD12-220-R** can be decoded as follows:
1. **SD:** Product Series (Shielded Drum).
2. **12:** Size code (refers to the 1.2mm height).
3. **220:** Inductance value (22 followed by 0 zeros = 22 µH).
4. **-R:** RoHS compliant / Lead-free.
---
## 4. Typical Applications
Because of its small size and shielded nature, this inductor is commonly used in:
* **DC-DC Converters:** Buck, boost, and SEPIC topologies.
* **Portable Electronics:** Smartphones, wearables, and handheld GPS units.
* **LED Drivers:** Providing stable current for lighting applications.
* **Noise Filtering:** Acting as a low-pass filter in power supply lines to reduce ripple.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a higher current rating in the same footprint?
- ⤷ How does magnetic shielding improve performance in compact PCB designs?