SD12-471-R
AI

The **SD12-471-R** is a low-profile, shielded surface-mount (SMD) power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the SD12 series, designed for applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Technical Specifications
The part number itself contains encoded information about its electrical characteristics.
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 470 µH | The "471" indicates 47 followed by one zero. |
| **Tolerance** | ±20% | Standard for the SD series. |
| **DC Resistance (DCR)** | 8.16 Ω (Typ) | The internal resistance of the copper winding. |
| **Isat (Saturation Current)** | 0.138 A | The current at which inductance drops by 30%. |
| **Irms (Rated Current)** | 0.201 A | The current that causes a 40°C temperature rise. |
| **Shielding** | Yes | Ferrite drum and sleeve construction. |
---
### 2. Key Features
* **Magnetically Shielded:** The inductor is enclosed in a ferrite core, which contains the magnetic flux. This prevents the component from interfering with nearby sensitive components and reduces audible noise.
* **Low Profile:** The "12" in the name refers to its height (approx. 1.2mm), making it ideal for ultra-thin electronics like smartphones or wearables.
* **Ferrite Core Material:** Ensures high efficiency and low core losses at high switching frequencies.
* **RoHS Compliant:** The "-R" suffix indicates the part is lead-free and meets environmental standards.
---
### 3. Application Use Cases
This specific inductor is typically found in DC-DC converter circuits. Because of its high inductance (470 µH) and relatively low current rating, it is best suited for:
* **Battery Powered Devices:** IoT sensors, handheld medical devices, and portable media players.
* **Buck/Boost Converters:** Used for voltage regulation in low-power circuits.
* **EL Backlighting:** Driving small displays.
* **Filtering:** Acting as a choke to remove high-frequency noise from power lines.
---
### 4. Dimensional Data
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 5.2 mm x 5.2 mm |
| **Height** | 1.2 mm (Max) |
| **Footprint** | SMD (Surface Mount Device) |
- ⤷
What are the alternative inductors with higher current ratings in the SD series?
- ⤷ How does the saturation current affect the performance of the SD12-471-R?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?