SD12-820-R
AI

The **SD12-820-R** is a high-power density, low-profile power inductor manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It belongs to the SD12 series, which is characterized by its shielded drum core construction and surface-mount (SMD) design.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the SD12-820-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 82.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.48 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.322 Amperes |
| **RMS Current ($I_{rms}$)** | 0.413 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 1.2mm |
---
### 2. Physical Composition
* **Core Material:** Ferrite. This allows for high efficiency and low core losses at high frequencies.
* **Shielding:** It is **magnetically shielded**. This is a critical feature that minimizes Electromagnetic Interference (EMI), allowing the component to be placed near sensitive circuitry without causing noise issues.
* **Termination:** Lead-free, RoHS compliant matte tin over copper.
### 3. Application Use Cases
The SD12-820-R is primarily used in power management circuits where vertical space is limited. Common applications include:
1. **DC-DC Converters:** Used as an energy storage element in buck (step-down) or boost (step-up) converters.
2. **Portable Electronics:** Ideal for mobile phones, digital cameras, and media players due to its 1.2mm ultra-low profile.
3. **Battery Powered Systems:** Used in handheld instruments where high efficiency and small footprint are required.
4. **Computer Peripherals:** Found in EL backlighting and small LED drivers.
---
### 4. Interpretation of the Part Number
* **SD:** Series name (Shielded Drum).
* **12:** Dimensional code (approx. 1.2mm height).
* **820:** Inductance value in Microhenries (82 followed by zero zeros = 82µH).
* **R:** RoHS compliant.
- ⤷
What are the differences between the SD12 and SD10 series inductors?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Are there recommended footprints for soldering the SD12-820-R to a PCB?