AI

The **SD14-100-R** is a high-performance, low-profile power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the SD series, which is specifically designed for surface-mount (SMD) applications where space is limited but power efficiency is critical.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the SD14-100-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 1.34 Amperes |
| **Saturation Current (Isat)** | 1.20 Amperes |
| **DC Resistance (DCR)** | 0.125 Ohms (Max) |
| **Package / Case** | SMD (5.2mm x 5.2mm x 1.45mm) |
| **Shielding** | Shielded (Magnetic) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction and Design
The SD14-100-R is engineered with several specific features to optimize its performance in electronic circuits:
* **Magnetic Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is vital for densely packed PCB designs where noise can affect sensitive nearby components.
* **Low Profile:** The "14" in the part number signifies its height (approximately 1.45mm), making it ideal for ultra-thin electronics like tablets, smartphones, and wearable sensors.
* **Ferrite Core:** It utilizes a ferrite drum core which provides high saturation current capabilities for its size.
---
### 3. Common Applications
This inductor is typically used in power management stages, specifically:
1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
2. **Portable Electronics:** Powering CPUs or displays in mobile devices.
3. **LED Drivers:** Providing stable current for backlighting or signaling.
4. **Computer Peripherals:** Used in SSDs, network cards, and compact loT devices.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variations:
```text
SD 14 - 100 - R
| | | |
| | | +-- RoHS Compliant
| | +------- Inductance Value (10 x 10^0 = 10µH)
| +------------ Size/Height Code (1.45mm)
+--------------- Series Name (Shielded Drum Inductor)
```
- ⤷
How does the saturation current (Isat) affect the performance of this inductor in a circuit?
- ⤷ What are the primary differences between the SD14 and the SD18 series?
- ⤷ Are there any recommended footprints or soldering guidelines for the SD14-100-R?