AI

## SD14-150-R Technical Overview
The **SD14-150-R** is a high-performance, low-profile, shielded drum core inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the **SD series**, designed for high-density applications where space and electromagnetic interference (EMI) management are critical.
---
### 1. Key Technical Specifications
The alphanumeric code "150" represents the inductance value, while the "R" indicates RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 15.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.165 Ω (Typical) |
| **Rated Current (Irms)** | 1.25 A |
| **Saturation Current (Isat)** | 1.48 A |
| **Shielding** | Magnetic Shielding (Low EMI) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The SD14 series is characterized by its compact, surface-mount (SMD) design:
* **Core Material:** Ferrite drum core, which provides high efficiency and high saturation levels.
* **Shielding:** The inductor is enclosed in a ferrite sleeve. This concentrates the magnetic flux within the component, preventing interference with neighboring components on the PCB.
* **Form Factor:**
* **Length:** 5.2 mm
* **Width:** 5.2 mm
* **Height:** 1.45 mm (Max) - This "low profile" makes it ideal for slim electronics like tablets or wearables.
---
### 3. Application Use Cases
The SD14-150-R is primarily used in power management circuits. Common applications include:
1. **DC-DC Converters:** Acts as the energy storage element in buck (step-down), boost (step-up), and SEPIC converters.
2. **Buck Regulators:** Used in point-of-load (POL) power supplies for microprocessors.
3. **Noise Filtering:** Excellent for decoupling and EMI suppression in signal lines due to its shielded nature.
4. **Portable Electronics:** Used in mobile phones, digital cameras, and handheld gaming consoles where PCB vertical space is limited.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SD:** Series name (Shielded Drum).
* **14:** Size code (approx. 5.2mm x 5.2mm x 1.45mm).
* **150:** Inductance code (15 followed by 0 zeros = 15 µH).
* **R:** RoHS compliant / Lead-free.
---
- ⤷
What are the differences between the SD14 and SD25 series inductors?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Can you provide a PCB footprint recommendation for the SD14-150-R?