SD14-221-R
AI

## SD14-221-R Electronic Component Overview
The **SD14-221-R** is a high-power, low-profile inductor part of the **SD14 Series** manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is primarily designed for high-density surface mount applications where space and efficiency are critical.
---
### 1. Technical Specifications
The following table summarizes the core electrical and physical characteristics of the SD14-221-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 220 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.283 Amps |
| **Saturation Current (Isat)** | 0.354 Amps |
| **DC Resistance (DCR)** | 1.95 Ohms (Max) |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2mm x 5.2mm x 1.45mm |
---
### 2. Key Features
* **Low Profile:** With a maximum height of only 1.45mm, it is ideal for ultra-thin electronic devices.
* **Magnetic Shielding:** The construction minimizes Electromagnetic Interference (EMI), making it safe for use near sensitive circuits.
* **Ferrite Core:** Utilizes a high-performance ferrite core material for low core losses and high efficiency.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental regulations.
---
### 3. Common Applications
Due to its small footprint and specific inductance value, the SD14-221-R is commonly found in:
1. **DC-DC Converters:** Used as an energy storage element in buck or boost regulators.
2. **Portable Electronics:** Integrated into smartphones, tablets, and wearables.
3. **LED Drivers:** Provides stable current regulation for backlighting or lighting modules.
4. **Battery Powered Systems:** Ideal for low-power handheld devices requiring efficient power management.
---
### 4. Part Number Breakdown
```text
SD 14 - 221 - R
| | | |
| | | +-- RoHS Compliant
| | +------- Inductance Code (221 = 22 * 10^1 = 220 µH)
| +------------ Size/Series Identifier (14)
+--------------- Series Prefix (Shielded Drum Inductor)
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ What are the recommended footprint dimensions for PCB soldering?
- ⤷ Are there alternative series from Eaton with higher current ratings?