SD14-330-R
AI

## SD14-330-R Component Overview
The **SD14-330-R** is a surface-mount (SMD) shielded power inductor manufactured by Eaton (formerly Bussmann). It is part of the SD series, known for its low profile and high power density.
---
### Technical Specifications
The following table summarizes the key electrical and physical characteristics of the SD14-330-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 33.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 0.82 Amps (Typical) |
| **Saturation Current (Isat)** | 0.61 Amps (Typical) |
| **DC Resistance (DCR)** | 0.281 Ohms (Typical) |
| **Core Material** | Ferrite |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 1.45mm |
---
### Key Features
* **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI) and prevents the inductor from affecting nearby sensitive components.
* **Low Profile:** With a height of only 1.45mm, it is ideal for thin electronic devices like smartphones, tablets, and wearables.
* **Ferrite Core:** Provides high efficiency and low core losses at high frequencies.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### Typical Applications
The SD14-330-R is commonly integrated into the following circuits:
1. **DC-DC Converters:** Used as energy storage elements in buck (step-down) or boost (step-up) converters.
2. **LED Drivers:** Provides stable current regulation for backlighting or lighting applications.
3. **Battery Powered Devices:** High efficiency makes it suitable for extending battery life in handheld electronics.
4. **Computer Peripherals:** Used in disk drives and network cards where space and EMI control are critical.
---
### Part Number Breakdown
The part number follows a specific nomenclature:
* **SD:** Series name (Shielded Drum Inductor).
* **14:** Size code (refers to the physical dimensions, approx. 1.4mm height).
* **330:** Inductance value in microhenries (The first two digits are significant; the third is the multiplier. $33 \times 10^0 = 33$ µH).
* **R:** RoHS compliant.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a higher current rating in the same footprint?
- ⤷ How does the DCR affect the efficiency of a DC-DC converter?