AI

The **SD14-470-R** is a high-performance, low-profile power inductor manufactured by Eaton (formerly Bussmann). It belongs to the SD14 series, which is characterized by its shielded drum core construction, designed for high-density applications where electromagnetic interference (EMI) must be minimized.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the SD14-470-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 47.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.443 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 0.636 Amps |
| **RMS Current ($I_{rms}$)** | 0.730 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Size / Dimension** | 5.20mm x 5.20mm x 1.45mm |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Functional Features
* **Magnetic Shielding:** The "SD" in the series stands for Shielded Drum. This means the magnetic field is contained within the component, preventing interference with neighboring components on a crowded PCB.
* **Low Profile:** With a height of only 1.45mm, it is ideal for ultra-thin electronics like smartphones, wearables, and slim IoT devices.
* **Ferrite Core Material:** Provides high efficiency and low core losses at high switching frequencies.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### 3. Common Applications
The SD14-470-R is typically used in power management circuits, including:
1. **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters.
2. **Handheld Electronics:** Due to its small footprint and low profile, it is found in mobile phones, tablets, and digital cameras.
3. **LED Drivers:** Used to regulate current in lighting applications.
4. **Computer Peripherals:** Found in hard drives (HDDs) and solid-state drives (SSDs).
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting variations:
* **SD14**: Series name (Shielded Drum, 1.4mm height class).
* **470**: Inductance value code (47 + 0 zeros = 47.0 µH).
* **-R**: RoHS compliant.
- ⤷
What is the difference between Saturation Current and RMS Current in this inductor?
- ⤷ Are there alternative inductors with a lower DCR but the same 47uH inductance?
- ⤷ What is the maximum switching frequency supported by the SD14 series?