SD14-4R5-R
AI

The **SD14-4R5-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the SD series of shielded drum core inductors, commonly used in DC-DC converters and power management circuits.
---
### 1. Key Specifications
The following table summarizes the primary electrical and physical characteristics of the SD14-4R5-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 4.5 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 2.21 Amps |
| **Saturation Current (Isat)** | 2.56 Amps |
| **DC Resistance (DCR)** | 45.4 mΩ (Typical) |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 1.45mm |
---
### 2. Component Composition & Design
The "SD14" designation provides specific information about its construction:
* **Magnetically Shielded:** The part uses a ferrite drum core with a ferrite sleeve. This contains the magnetic flux, minimizing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Low Profile:** The "14" in the part number indicates a maximum height of approximately **1.45mm**, making it ideal for thin electronic devices like smartphones, tablets, and wearables.
* **Construction:** It features a surface-mount (SMD) design with robust solder pads for high-vibration environments.
---
### 3. Application Use-Cases
The SD14-4R5-R is typically found in the following electronic circuits:
1. **Buck/Boost Converters:** Used as the energy storage element in switching power supplies.
2. **Noise Filtering:** Acts as a low-pass filter to smooth out ripple current in power lines.
3. **Battery Powered Devices:** Due to its small footprint and low DCR (which improves efficiency), it is preferred for handheld electronics.
4. **LED Drivers:** Used to maintain constant current flow in backlight or indicator circuits.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series Name (Shielded Drum Core) |
| **14** | Size Code (Approx. 5.2 x 5.2 x 1.45mm) |
| **4R5** | Inductance Value (4.5 microhenries) |
| **-R** | RoHS Compliant / Lead-Free |
---
- ⤷
What are the equivalent alternative parts for the SD14-4R5-R from other manufacturers?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?