AI

The **SD14-8R8-R** is a high-performance, low-profile power inductor part of the SD series manufactured by **Eaton (formerly Cooper Bussmann)**. It is designed specifically for high-density surface mount (SMD) applications.
---
### 1. Technical Specifications
The part number "8R8" refers to its inductance value, and the "R" indicates it is RoHS compliant.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 8.8 µH |
| **Rated Current (Irms)** | 1.34 Amps |
| **Saturation Current (Isat)** | 1.15 Amps |
| **DC Resistance (DCR)** | 0.126 Ohms (Typical) |
| **Tolerance** | ±20% |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2mm x 5.2mm x 1.45mm |
---
### 2. Key Features
* **Low Profile:** With a height of only 1.45mm, it is ideal for ultra-thin electronics like smartphones, tablets, and wearables.
* **Magnetic Shielding:** The ferrite drum core is shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **High Power Density:** Despite its small footprint, it handles relatively high currents with low energy loss.
* **Construction:** It features a rugged design with a ferrite core and copper wire, finished with gold-plated or tin-plated terminals for reliable soldering.
---
### 3. Common Applications
This inductor is typically used in power management circuits where space is a constraint:
1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
2. **LED Drivers:** Providing stable current for backlighting.
3. **Portable Electronics:** Digital cameras, GPS units, and handheld gaming consoles.
4. **Computing:** Localized power regulation on motherboards or peripherals.
---
### 4. Part Number Breakdown
```text
SD 14 - 8R8 - R
| | | |
| | | +-- RoHS Compliant
| | +-------- Inductance Value (8.8 microhenries)
| +------------- Size Code (approx. 5x5mm footprint, 1.4mm height)
+---------------- Series Name (SD Family)
```
---
- ⤷What is the difference between the SD14 and SD12 series?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the recommended footprint dimensions for soldering the SD14-8R8-R?