SD18-100-R
AI

## SD18-100-R: Inductor Technical Overview
The **SD18-100-R** is a high-power density, low-profile shielded drum core inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the SD series designed for applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.126 Ω (Max) |
| **Irms (Current Rating)** | 1.34 A |
| **Isat (Saturation Current)** | 1.38 A |
| **Self-Resonant Frequency** | 22 MHz |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 1.8mm |
---
### 2. Core Features
* **Magnetic Shielding:** The "SD" stands for Shielded Drum. This construction ensures that the magnetic flux is contained within the component, preventing interference with neighboring components on the PCB.
* **Low Profile:** With a maximum height of **1.8mm**, it is ideal for thin consumer electronics like smartphones, tablets, and wearable tech.
* **Ferrite Core Material:** Provides high efficiency and low core losses at high frequencies.
* **Surface Mount (SMD):** Designed for automated pick-and-place assembly.
---
### 3. Application Use Cases
The SD18-100-R is primarily used in power management circuits, specifically:
1. **DC-DC Converters:** Used as an energy storage element in Buck, Boost, and SEPIC converters.
2. **LED Drivers:** Provides stable current for backlight lighting in mobile devices.
3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines.
4. **Battery Powered Devices:** High efficiency helps in extending the battery life of portable electronics.
---
### 4. Part Number Breakdown
| Prefix | Series | Size Code | Inductance | RoHS |
| :--- | :--- | :--- | :--- | :--- |
| **SD** | Shielded Drum | **18** (1.8mm height) | **100** (10 x 10^0 = 10µH) | **-R** (RoHS Compliant) |
---
- ⤷What is the difference between the SD18 and SD25 series?
- ⤷ How does the saturation current (Isat) affect this inductor's performance in a circuit?
- ⤷ Are there recommended PCB footprint patterns for the SD18-100-R?