AI

## Technical Overview of SD18-102-R
The **SD18-102-R** is a high-power density, low-profile SMT (Surface Mount Technology) power inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the SD series, designed for applications where space is limited and efficiency is critical.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1000 µH (1.0 mH) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.162 Amps (162 mA) |
| **Saturation Current (Isat)** | 0.158 Amps (158 mA) |
| **DC Resistance (DCR)** | 4.86 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (L x W x H)** | 5.2mm x 5.2mm x 1.8mm |
| **Shielding** | Ferrite Shielded (Magnetic) |
---
### 2. Core Components and Materials
The "Electronic Parts" or internal structure of this inductor consist of:
1. **Ferrite Drum Core:** This acts as the magnetic carrier. Ferrite is used to provide high magnetic permeability while keeping eddy current losses low at high frequencies.
2. **Copper Wire Winding:** A precision-wound copper coil creates the inductance. In the "102" (1000µH) version, the wire is very thin with many turns, leading to a higher DCR compared to lower inductance values in the same series.
3. **Magnetic Shield (Ring):** The inductor is "shielded," meaning it has a ferrite sleeve around the coil. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components.
4. **Terminations:** Solder pads made of tin-plated copper for stable SMT mounting on PCBs.
---
### 3. Decoding the Part Number
The name follows a specific nomenclature used by Eaton:
* **SD:** Series name (Shielded Drum Inductor).
* **18:** Size code (refers to the 1.8mm height profile).
* **102:** Inductance code. The first two digits (10) are the value, and the third (2) is the multiplier (10 * 10^2 = 1000µH).
* **-R:** RoHS compliant (Lead-free).
---
### 4. Common Applications
Due to its high inductance and small form factor, it is typically used in:
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Filtering:** Noise suppression in power lines for handheld electronics.
* **LED Drivers:** Providing constant current for low-power lighting.
* **Battery Powered Devices:** IoT sensors, wearables, and medical instruments.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ How does the 1.8mm height compare to other inductors in the SD series?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?