SD18-1R5-R
AI

### Overview of the SD18-1R5-R
The **SD18-1R5-R** is a high-power density, low-profile power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the SD series, which is designed for applications requiring compact footprints and high efficiency.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 27.6 mΩ (Nominal) |
| **Rated Current (Irms)** | 2.58 Amps |
| **Saturation Current (Isat)** | 3.52 Amps |
| **Shielding** | Shielded (Magnetic) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.20mm x 5.20mm x 1.80mm |
---
### Key Features and Construction
1. **Magnetic Shielding**: The part is ferrite-shielded, which minimizes Electromagnetic Interference (EMI). This is crucial for dense PCB layouts where components are placed close to sensitive analog circuits.
2. **Low Profile**: With a maximum height of only **1.8mm**, it is ideal for slim electronics like tablets, smartphones, and wearable devices.
3. **Ferrite Core**: Uses a high-frequency ferrite core material that ensures low core losses, contributing to higher energy efficiency in power conversion.
4. **Tape and Reel Packaging**: The "-R" suffix indicates that the part is RoHS compliant and typically supplied in tape and reel for automated SMT (Surface Mount Technology) assembly.
---
### Common Applications
The SD18-1R5-R is primarily used in DC-DC converter circuits. Typical use cases include:
* **Buck Converters**: Stepping down voltage for microprocessors.
* **Boost Converters**: Increasing battery voltage for LED backlighting.
* **Handheld Devices**: Mobile phones, GPS units, and digital cameras.
* **Computer Peripherals**: SSDs and network interface cards.
---
### Typical Circuit Implementation
In a standard Buck Converter, the SD18-1R5-R would be placed as the energy storage element between the switching node and the output capacitor.
```mermaid
graph LR
A[Switching Node] --> B((SD18-1R5-R))
B --> C[Vout / Load]
B --- D[Output Capacitor]
D --- GND
```
- ⤷
What are the main differences between the SD18 and SD25 series inductors?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Are there recommended substitutes with a smaller footprint?