SD18-220-R
AI

The **SD18-220-R** is a high-performance, low-profile, shielded surface-mount (SMD) power inductor. It is part of the SD series manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**.
---
### ## Technical Specifications
Below are the key electrical and physical characteristics of the SD18-220-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 22 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 1.13 Amps (Typical) |
| **Saturation Current (Isat)** | 1.05 Amps |
| **DC Resistance (DCR)** | 0.177 Ohms (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 1.8mm |
| **Shielding** | Magnetically Shielded |
---
### ## Key Features
1. **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI). This is critical for densely packed circuit boards where noise can affect nearby components.
2. **Low Profile:** With a height of only 1.8mm, it is designed for "thin" electronics like smartphones, tablets, and portable medical devices.
3. **Ferrite Core Construction:** Provides high efficiency and low core losses at high switching frequencies.
4. **Lead-Free/RoHS Compliant:** The "R" suffix in the part number indicates compliance with RoHS standards.
---
### ## Common Applications
The SD18-220-R is primarily used in power management circuits:
* **DC-DC Converters:** Used as an energy storage element in Buck (step-down) or Boost (step-up) converters.
* **Battery Powered Devices:** Ideal for handheld electronics due to its small footprint and efficiency.
* **LCD Displays:** Used in backlight driving circuits.
* **Computer Peripherals:** Found in SSDs, network cards, and compact storage devices.
---
### ## Naming Convention Breakdown
`SD` `18` - `220` - `R`
* **SD:** Product Series (Shielded Drum Core).
* **18:** Size code (refers to the 1.8mm height).
* **220:** Inductance value in Microhenries (22 followed by 0 zeros = 22µH).
* **R:** RoHS compliant.
---
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Can I use a non-shielded inductor as a substitute for the SD18-220-R?
- ⤷ What are the recommended soldering profiles for this SMD component?