SD18-470-R
AI

The **SD18-470-R** is a high-power density, low-profile shielded drum core inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is widely used in power management circuits due to its compact size and EMI shielding.
---
## 1. Technical Specifications
The following table summarizes the core electrical and physical characteristics of the SD18-470-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 47.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 0.82 Amps |
| **Saturation Current (Isat)** | 0.94 Amps |
| **DC Resistance (DCR)** | 0.354 Ohms (Typical) |
| **Shielding** | Ferrite Shielded (Low EMI) |
| **Package / Case** | SMD (Surface Mount Device) |
| **Dimensions** | 5.2mm x 5.2mm x 1.8mm |
---
## 2. Key Features
* **Low Profile:** With a height of only 1.8mm, it is ideal for thin electronic devices like smartphones, tablets, and wearable tech.
* **Magnetic Shielding:** The ferrite drum core is shielded, which minimizes electromagnetic interference (EMI) with surrounding components.
* **High Power Density:** Designed to handle significant current relative to its small footprint.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
## 3. Applications
The SD18-470-R is typically found in DC-DC converter circuits where space is a premium:
1. **Buck/Boost Converters:** Used for stepping voltage up or down in battery-powered devices.
2. **LED Drivers:** Provides stable current for backlight displays.
3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supplies.
4. **Handheld Electronics:** Integrated into GPS units, digital cameras, and portable medical equipment.
---
## 4. Typical Footprint (Dimensions)
The component uses a square surface mount footprint to ensure stability during PCB assembly:
```text
5.2 mm
+--------------+
| |
| (470) | 5.2 mm
| |
+--------------+
Height: 1.8 mm
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there any equivalent alternatives to the SD18-470-R from other manufacturers?
- ⤷ How does the shielding in this part affect its performance compared to unshielded inductors?