AI

The **SD20-102-R** is a high-power density, low-profile power inductor manufactured by **Eaton (formerly Coiltronics/Bussmann)**. It belongs to the SD20 series, which is designed for applications requiring compact footprints and high efficiency.
---
### 1. Key Technical Specifications
The part number "102" indicates the inductance value, and "R" signifies RoHS compliance.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.035 Ω (Typical) |
| **Rated Current (Irms)** | 2.53 Amps |
| **Saturation Current (Isat)** | 3.32 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 5.2mm x 5.2mm x 2.0mm |
---
### 2. Physical & Material Construction
* **Shielding:** It is a **magnetically shielded** inductor. This minimizes Electromagnetic Interference (EMI), making it ideal for densely packed circuit boards where noise could affect nearby components.
* **Core Material:** Ferrite core, which provides high efficiency and low core losses at high frequencies.
* **Form Factor:** Surface Mount Device (SMD). The "20" in the series name refers to the maximum height of 2.0mm.
---
### 3. Application Use Cases
The SD20-102-R is typically found in power management circuits where space is a premium:
1. **DC-DC Converters:** Used as a storage inductor in buck (step-down), boost (step-up), and SEPIC converters.
2. **Portable Electronics:** Common in smartphones, tablets, and handheld GPS units due to its low profile.
3. **Computer Peripherals:** Used in local card power supplies and SSDs.
4. **LED Drivers:** Providing stable current for lighting applications.
---
### 4. Performance Characteristics
* **Saturation Current ($I_{sat}$):** This is the current level at which the inductance drops by a specified percentage (usually 30%). At 3.32A, this inductor can handle significant spikes before losing its effectiveness.
* **Heating Current ($I_{rms}$):** This indicates the continuous current that will cause a 40°C temperature rise. In this case, 2.53A is the thermal limit for safe continuous operation.
---
- ⤷
What are the main differences between the SD20 and SD25 series inductors?
- ⤷ How does magnetic shielding affect the performance of this inductor in sensitive circuits?
- ⤷ Can the SD20-102-R be used in automotive applications?