SD20-330-R
AI

The **SD20-330-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD20 series of surface-mount (SMD) power inductors.
---
### ## Technical Specifications
The following table outlines the key electrical and physical characteristics of the SD20-330-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 33.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.286 Ω (Typical) |
| **RMS Current ($I_{rms}$)** | 0.81 Amps |
| **Saturation Current ($I_{sat}$)** | 0.70 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Ferrite Drum Core (Shielded) |
| **Package Size** | 5.2mm x 5.2mm x 2.0mm |
---
### ## Key Features
1. **Magnetic Shielding:** The part is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB.
2. **Low Profile:** With a maximum height of 2.0mm, it is ideal for height-constrained applications like handheld electronics.
3. **Ferrite Core Construction:** Provides high efficiency and high saturation current capabilities for its size.
4. **RoHS Compliant:** The "-R" suffix indicates that the part is fully compliant with RoHS standards (Lead-free).
---
### ## Common Applications
The SD20-330-R is primarily used in power management circuits where voltage conversion is required:
* **DC-DC Converters:** Used as a storage element in Buck (Step-down) or Boost (Step-up) converters.
* **Battery Powered Devices:** Ideal for smartphones, digital cameras, and tablets due to its small footprint.
* **LED Drivers:** Used to stabilize current in lighting circuits.
* **Computer Peripherals:** Found in hard disk drives and portable storage devices.
---
### ## Equivalent/Replacement Parts
If the SD20-330-R is unavailable, the following series often serve as alternatives (subject to footprint verification):
```markdown
1. Würth Elektronik: WE-TPC Series (Size 5020)
2. Bourns: SRN5020 Series
3. TDK: VLS5020 Series
```
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies?
- ⤷ How does the shielding in the SD20 series improve PCB performance?