SD20-470-R
AI

### Technical Overview of SD20-470-R
The **SD20-470-R** is a specific model of power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the SD20 series, which is characterized by its low profile, high power density, and shielded construction.
---
### Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 47.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.69 Amps (Typical) |
| **Saturation Current (Isat)** | 0.54 Amps (Typical) |
| **DC Resistance (DCR)** | 0.441 Ω (Maximum) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 2.0mm |
---
### Core Characteristics
#### 1. Magnetic Shielding
The "SD" in the series stands for **Shielded**. This means the inductor is designed to contain its magnetic field. This is critical in modern electronics to:
* Prevent Electromagnetic Interference (EMI) with neighboring components.
* Reduce audible noise in sensitive audio circuits.
#### 2. Ferrite Core Construction
The part utilizes a ferrite drum core. Ferrite is preferred for power applications because it offers high magnetic permeability while maintaining low eddy current losses at high frequencies.
#### 3. Surface Mount Technology (SMT)
The part is designed for automated PCB assembly. It features a rugged base and flat top for reliable "pick and place" machine handling and infrared (IR) reflow soldering.
---
### Common Applications
The SD20-470-R is typically found in power management circuits where space is limited.
* **DC-DC Converters:** Specifically Buck, Boost, and SEPIC topologies.
* **Portable Electronics:** Used in smartphones, tablets, and handheld GPS units.
* **LED Drivers:** Providing stable current for lighting systems.
* **Computer Peripherals:** Used in hard disk drives (HDD) and solid-state drives (SSD) power rails.
---
### Part Number Breakdown
`SD20-470-R`
* **SD:** Series name (Shielded Drum).
* **20:** Size code (refers to the 2.0mm height).
* **470:** Inductance value (47 followed by 0 zeros = 47µH).
* **-R:** RoHS compliant (Lead-free).
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can you provide a footprint layout recommendation for the SD20 series?
- ⤷ How does temperature affect the inductance of the SD20-470-R?