SD20-471-R
AI

## Technical Overview of SD20-471-R
The **SD20-471-R** is a high-performance, low-profile, shielded surface-mount (SMD) power inductor. It is part of the SD series manufactured by **Eaton (formerly Cooper Bussmann)**. These inductors are widely used in power management circuits due to their compact size and electromagnetic interference (EMI) shielding.
---
### 1. Key Technical Specifications
The alphanumeric code "471" represents the inductance value. Here is the detailed breakdown of its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 470 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.85 Ω (Typical) |
| **Rated Current ($I_{rms}$)** | ~0.267 Amperes |
| **Saturation Current ($I_{sat}$)** | ~0.292 Amperes |
| **Package Size** | 5.2mm x 5.2mm |
| **Height** | 2.0mm (Low Profile) |
| **Shielding** | Shielded (Magnetic) |
---
### 2. Component Composition
The SD20-471-R is built using specific materials to optimize power efficiency:
* **Ferrite Core:** The heart of the inductor, designed to provide high magnetic permeability while minimizing energy loss.
* **Magnet Wire:** Copper winding around the core that determines the DC resistance.
* **Magnetic Shielding:** The assembly is encased in a magnetic material that contains the magnetic flux. This prevents the inductor from interfering with nearby sensitive components and reduces audible noise.
* **Termination:** Matte tin-over-copper plating, making it compatible with lead-free reflow soldering processes.
---
### 3. Applications and Use Cases
Because of its high inductance (470 µH) and small footprint, the SD20-471-R is typically found in:
1. **DC-DC Converters:** Used as an energy storage element in buck (step-down) or boost (step-up) converters.
2. **EMI Filtering:** Excellent for smoothing out ripples in power supplies and filtering high-frequency noise.
3. **Battery Powered Devices:** Ideal for IoT sensors, handheld medical devices, and wearables where board space is limited.
4. **LED Drivers:** Provides constant current regulation in small-scale lighting applications.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting alternates:
* **SD:** Product Series (Shielded Drum Core).
* **20:** Dimensional size (approx. 2.0mm height).
* **471:** Inductance code ($47 \times 10^1 = 470$ µH).
* **R:** RoHS compliant (Lead-free).
- ⤷
What are the main differences between the SD20 and SD25 series inductors?
- ⤷ How does the saturation current (Isat) affect the performance of this inductor in a circuit?
- ⤷ What are the recommended footprints for soldering the SD20-471-R?