SD20-681-R
AI

## SD20-681-R: Electronic Component Overview
The **SD20-681-R** is a low-profile, shielded surface-mount (SMD) power inductor. It is part of the SD20 series manufactured by **Eaton (formerly Bussmann/Coiltronics)**. These components are primarily used in power management circuits to store energy and filter noise.
---
### 1. Key Technical Specifications
The model number "681" indicates the inductance value, while the "R" signifies RoHS compliance.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 680 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~0.198 A (198 mA) |
| **Saturation Current (Isat)** | ~0.203 A (203 mA) |
| **DC Resistance (DCR)** | ~5.85 Ω (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
| **Package Size** | 5.2mm x 5.2mm x 2.0mm |
---
### 2. Physical Design and Construction
* **Magnetic Shielding:** The inductor is encapsulated in a ferrite drum core with a ferrite sleeve. This "shielding" minimizes Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting nearby sensitive components on the PCB.
* **Low Profile:** The "20" in the series name refers to its height (2.0mm). This makes it ideal for space-constrained applications like smartphones, wearables, and thin laptops.
* **Construction:** It uses a high-grade ferrite core material that provides high efficiency and low core losses.
---
### 3. Common Applications
Inductors like the SD20-681-R are essential in DC-to-DC conversion. Common use cases include:
1. **Buck/Boost Converters:** Helping to step down or step up voltages in battery-powered devices.
2. **EMI Filtering:** Smoothing out ripples in power supply lines to ensure clean power delivery.
3. **LED Drivers:** Managing current flow to high-brightness LEDs.
4. **Signal Processing:** Used in decoupling circuits to isolate different stages of an electronic system.
---
### 4. Part Number Breakdown
```text
SD 20 - 681 - R
| | | |
| | | └── RoHS Compliant
| | └──────── Inductance Code (68 x 10^1 = 680 µH)
| └───────────── Size Code (Height: 2.0mm)
└───────────────── Series Name (Shielded Drum)
```
- ⤷
What are the differences between the SD20 and SD25 series?
- ⤷ How does the saturation current (Isat) affect circuit performance?
- ⤷ Can this inductor be used in high-frequency switching power supplies?