SD25-100-R
AI

The **SD25-100-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the SD series, designed for space-constrained applications requiring high energy storage and efficiency.
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Inductance** | $10\ \mu\text{H}$ |
| **Tolerance** | $\pm 20\%$ |
| **Current Rating (Irms)** | $1.73\ \text{A}$ (Typical) |
| **Saturation Current (Isat)** | $1.81\ \text{A}$ (Typical) |
| **DC Resistance (DCR)** | $0.0645\ \Omega$ (Max) |
| **Operating Temperature** | $-40^\circ\text{C}$ to $+125^\circ\text{C}$ |
| **Dimensions** | $5.2\text{mm} \times 5.2\text{mm} \times 2.5\text{mm}$ |
---
### 2. Physical Construction and Design
The SD25-100-R features specific design elements that make it suitable for modern electronics:
* **Magnetic Shielding:** It is a magnetically shielded inductor. This minimizes Electromagnetic Interference (EMI), preventing the magnetic field from affecting surrounding sensitive components on the PCB.
* **Ferrite Core:** Utilizes a ferrite drum core which provides high efficiency and low core losses at high frequencies.
* **SMD Packaging:** Designed for Surface Mount Device (SMD) assembly, compatible with automated pick-and-place machinery and infrared/convection reflow soldering.
* **Low Profile:** The "25" in the part number indicates a height of approximately 2.5mm, making it ideal for thin handheld devices.
---
### 3. Application Use Cases
This component is typically found in power management circuits where voltage needs to be regulated or filtered:
1. **DC-DC Converters:** Used in Buck (step-down), Boost (step-up), and SEPIC topologies.
2. **Voltage Regulator Modules (VRMs):** Common in laptops and servers for localized power distribution.
3. **Portable Electronics:** Used in smartphones, tablets, and digital cameras due to its small footprint.
4. **LED Drivers:** Provides steady current flow for high-brightness LED applications.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **SD:** Product Series (Shielded Drum).
* **25:** Dimensions (approx. 2.5mm height).
* **100:** Inductance Code ($10 \times 10^0 = 10\ \mu\text{H}$).
* **R:** RoHS Compliant / Lead-Free.
---
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Can you suggest an equivalent part from another manufacturer?
- ⤷ How does the temperature affect the inductance of the SD25-100-R?