SD25-102-R
AI

The **SD25-102-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the SD25 series, known for its low profile and high energy storage capabilities.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the SD25-102-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 mH (1000 µH) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~2.56 Ohms (Typical) |
| **Rated Current (Irms)** | 0.231 Amps |
| **Saturation Current (Isat)** | 0.283 Amps |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 5.2mm x 5.2mm x 2.5mm |
---
### ### Key Features
1. **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI). This is critical for densely packed circuit boards where noise can affect nearby sensitive components.
2. **Ferrite Core Construction:** It utilizes a ferrite drum core with a ferrite sleeve, providing high efficiency and stable performance across a wide temperature range.
3. **Compact Profile:** With a height of only 2.5mm, it is ideal for "slim" electronic devices like handheld portables or thin IoT modules.
4. **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### ### Common Applications
The SD25-102-R is typically used in power management circuits where high inductance is required in a small footprint:
* **DC-DC Converters:** Used as an energy storage element in buck, boost, or buck-boost regulators.
* **LED Drivers:** Provides constant current smoothing for high-brightness LEDs.
* **Battery Powered Equipment:** Ideal for tablets, smartphones, and wearable tech due to its low power loss.
* **Filtering:** Acts as a low-pass filter to remove high-frequency noise from power supply lines.
---
### ### Identification Code Breakdown
```text
SD 25 - 102 - R
| | | |
| | | └── RoHS Compliant
| | └────── Inductance Code (10 + 2 zeros = 1000µH / 1mH)
| └─────────── Size Series (approx. 5.2mm x 5.2mm x 2.5mm)
└──────────────── Product Series (Shielded Drum)
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives to the SD25 series?
- ⤷ How does magnetic shielding improve performance in high-density PCBs?