SD25-220-R
AI

## SD25-220-R Electronic Component Overview
The **SD25-220-R** is a high-power density, low-profile, shielded drum core inductor. It is part of the **SD series** manufactured by Eaton (formerly Bussmann/Coiltronics). These inductors are primarily designed for applications requiring compact footprints and high efficiency.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 22.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.165 Ω (Typical) |
| **Rated Current (Irms)** | 1.18 Amps (based on temperature rise) |
| **Saturation Current (Isat)** | 1.25 Amps (based on 30% drop in L) |
| **Shielding** | Magnetically Shielded |
| **Package Size** | SD25 (approx. 5.2 x 5.2 x 2.5 mm) |
---
### 2. Physical Construction & Features
* **Shielded Drum Core:** The ferrite core is shielded to minimize Electromagnetic Interference (EMI). This is crucial for dense PCB layouts where inductive noise could affect sensitive nearby components.
* **Low Profile:** With a maximum height of 2.5mm, it is ideal for thin consumer electronics.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and complies with RoHS standards.
* **Rugged Design:** Designed to withstand high-temperature reflow soldering processes.
---
### 3. Common Applications
The SD25-220-R is typically found in the following electronic circuits:
1. **DC-DC Converters:** Used as the energy storage element in Buck (step-down), Boost (step-up), and SEPIC converters.
2. **Battery Powered Devices:** Ideal for smartphones, tablets, and wearables due to its small footprint and efficiency.
3. **LED Drivers:** Used to regulate current in lighting applications.
4. **Computer Peripherals:** Found on motherboards and graphic cards for local voltage regulation.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series Name (Shielded Drum) |
| **25** | Size Code (Physical dimensions) |
| **220** | Inductance Value (22 + zero zeros = 22µH) |
| **R** | RoHS Compliant |
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this part be used in automotive applications?
- ⤷ What are the alternative components with similar specs?