SD25-330-R
AI

## Technical Overview: SD25-330-R Inductor
The **SD25-330-R** is a low-profile, shielded drum core power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the SD series, designed for high power density and space-constrained applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 33.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 1.18 Amps |
| **Saturation Current (Isat)** | 1.32 Amps |
| **DC Resistance (DCR)** | 0.178 Ohms (Typ) |
| **Operating Temp Range** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
| **Package / Case** | 5.2mm x 5.2mm x 2.5mm (SMD) |
---
### 2. Functional Characteristics
* **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI). This is critical for high-density PCB layouts where components are placed close to sensitive signal lines.
* **Low Profile:** With a maximum height of 2.5mm, it is ideal for thin electronic devices like tablets, wearable tech, and handheld instruments.
* **Ferrite Core Material:** The drum core construction provides high efficiency and high saturation current levels relative to its size.
---
### 3. Application Use Cases
This part is primarily used in power management circuits. Typical applications include:
1. **DC-DC Converters:** Used as the energy storage element in Buck, Boost, or SEPIC converters.
2. **Battery Powered Devices:** Due to its small footprint and efficiency.
3. **LED Drivers:** Providing stable current for lighting applications.
4. **Noise Filtering:** Acts as a low-pass filter for power supply decoupling to reduce ripple voltage.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series name (Shielded Drum) |
| **25** | Size code (approx. 2.5mm height) |
| **330** | Inductance value (33 followed by 0 zeros = 33µH) |
| **-R** | RoHS compliant / Lead-free |
---
- ⤷What is the difference between Irms and Isat for this specific inductor?
- ⤷ How does the temperature affect the inductance of the SD25-330-R?
- ⤷ Are there any recommended footprints for soldering this component?